Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5115 Datasheet(PDF) 8 Page - ams AG

Part # AS5115
Description  Programmable 360 Magnetic Angle Encoder with Buffered SINE COSINE Output Signals
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5115 Datasheet(HTML) 8 Page - ams AG

Back Button AS5115 Datasheet HTML 4Page - ams AG AS5115 Datasheet HTML 5Page - ams AG AS5115 Datasheet HTML 6Page - ams AG AS5115 Datasheet HTML 7Page - ams AG AS5115 Datasheet HTML 8Page - ams AG AS5115 Datasheet HTML 9Page - ams AG AS5115 Datasheet HTML 10Page - ams AG AS5115 Datasheet HTML 11Page - ams AG AS5115 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
www.austriamicrosystems.com/AS5115
Revision 1.11
7 - 20
AS5115
Datasheet - Detailed Descr i pti on
7 Detailed Description
The benefits of AS5115 are as follows:

Complete system-on-chip, no angle calibration required

Ideal for applications in harsh environments due to magnetic sensing principle

High reliability due to non-contact sensing

Robust system, tolerant to horizontal misalignment, temperature variations and external magnetic fields
7.1 Sleep Mode
The target is to provide the possibility to reduce the total current consumption. No output signal will be provided when the IC is in sleep mode.
Enabling or disabling sleep mode is done by sending the SLEEP or WAKEUP commands via. the SSI interface. Analog blocks are powered
down with respect to fast wake up time.
7.2 SSI Interface
The setup for the device is handled by the digital interface. Each communication starts with the rising edge of the chip select signal. The
synchronization between the internal free running analog clock oscillator and the external used digital clock source for the digital interface is
done in a way that the digital clock frequency can vary in a wide range.
Table 8. SSI Interface Pin Description
Port
Symbol
Function
Chip select
CS
Indicates the start of a new access cycle to the device
CS = LO
 reset of the digital interface
DCLK
DCLK
Clock source for the communication over the digital interface
Bidirectional data input output
DIO
Command and data information over one single line
The first bit of the command defines a read or write access
Table 9. SSI Interface Parameter Description
Symbol
Parameter
Notes
Min
Typ
Max
Unit
f_DCLK
Clock frequency at normal operation
The nominal value for the clock frequency can
be derived from a 10MHz oscillator source.
no limit
5
6
MHz
f_EZ_RW
Clock frequency at easy zap read
write access
no limit
5
6
kHz
f_EZ_PROG Clock frequency at easy zap access
program OTP
Correct access to the programmable zener
diode block needs a strict timing – the zap
pulse is exact one period.
The nominal value for the clock frequency can
be derived from a 10MHz oscillator source.
200
-
650
kHz
f_EZ_ARB
Clock frequency at easy zap analog
readback
20pF external load allowed.
The nominal value for the clock frequency can
be derived from a 10MHz oscillator source.
no limit
156.3
162.5
kHz
Parameter
Notes
Interface General at normal mode
Protocol: 5 command bit + 16 data input output
Command
5-bit command: cmd<4:0>
 bit<21:16>
Data
16-bit data: data<15:0>
 bit<15:0>
Interface General at extended mode
Protocol: 5 command bit + 46 data input output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com