Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5115 Datasheet(PDF) 14 Page - ams AG

Part # AS5115
Description  Programmable 360 Magnetic Angle Encoder with Buffered SINE COSINE Output Signals
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5115 Datasheet(HTML) 14 Page - ams AG

Back Button AS5115 Datasheet HTML 10Page - ams AG AS5115 Datasheet HTML 11Page - ams AG AS5115 Datasheet HTML 12Page - ams AG AS5115 Datasheet HTML 13Page - ams AG AS5115 Datasheet HTML 14Page - ams AG AS5115 Datasheet HTML 15Page - ams AG AS5115 Datasheet HTML 16Page - ams AG AS5115 Datasheet HTML 17Page - ams AG AS5115 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
www.austriamicrosystems.com/AS5115
Revision 1.11
13 - 20
AS5115
Datasheet - Detailed Descr i pti on
7.9 OTP Programming and Verification
Figure 9. OTP Programming Connection
Note: The maximum capacitive load at PROG in normal operation should be less than 20pF. However, during programming the capacitors
C1+C2 are needed to buffer the programming voltage during current spikes, but they must be removed for normal operation. To
overcome this contradiction, the recommendation is to add a diode (4148 or similar) between PROG and VDD as shown in Figure 9
(special case setup), if the capacitors can not be removed at final assembly.
Due to D1, the capacitors C1+C2 are loaded with VDD - 0.7V at startup, hence not influencing the readout of the internal OTP registers.
During programming the OTP, the diode ensures that no current is flowing from PROG (8V - 8.5V) to VDD (5V).
In the standard case (see Figure 9), the verification of a correct OTP readout can be done by analog readback of the OTP register.
As long as the PROG pin is accessible it is recommended to use standard setup. In case the PROG pin is not accessible at final
assembly, the special setup is recommended.
VDD
VSS
Micro
Controller
AS5130
100n
VSS
+5V
VDD
CS
VDD
DCLK
DIO
PROG
VSS
+
10µF 100n
8.0 - 8.5V
I/O
Output
Output
VDD
VSUPPLY
PROG
GND
C1
C2
100nF
10µF
Vzapp
Vprog
PROM Cell
maximum
parasitic cable
inductance
L<50nH
Standard Case
VDD
VSUPPLY
PROG
GND
C1
C2
100nF
10µF
Vprog
PROM Cell
L<50nH
Special Case
Remove for normal operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com