Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5115 Datasheet(PDF) 16 Page - ams AG

Part # AS5115
Description  Programmable 360 Magnetic Angle Encoder with Buffered SINE COSINE Output Signals
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5115 Datasheet(HTML) 16 Page - ams AG

Back Button AS5115 Datasheet HTML 12Page - ams AG AS5115 Datasheet HTML 13Page - ams AG AS5115 Datasheet HTML 14Page - ams AG AS5115 Datasheet HTML 15Page - ams AG AS5115 Datasheet HTML 16Page - ams AG AS5115 Datasheet HTML 17Page - ams AG AS5115 Datasheet HTML 18Page - ams AG AS5115 Datasheet HTML 19Page - ams AG AS5115 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
www.austriamicrosystems.com/AS5115
Revision 1.11
15 - 20
AS5115
Datasheet - Detailed Descr i pti on
7.10 Pre-programmed Version
Table 13. Pre-programmed Version
Version
Marking
Sensitivity
Output
Output DC
Offset
PGA Gain Setting Hall Bias Current
AS5115
Not programmed
1.5V
0
Not programmed
Untrimmed
AS5115A
28 mV/mT
2.5V
1
00
12.15µA
AS5115
YYWWMZZ
AS5115A
YYWWMZZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com