Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5115 Datasheet(PDF) 9 Page - ams AG

Part # AS5115
Description  Programmable 360 Magnetic Angle Encoder with Buffered SINE COSINE Output Signals
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5115 Datasheet(HTML) 9 Page - ams AG

Back Button AS5115 Datasheet HTML 5Page - ams AG AS5115 Datasheet HTML 6Page - ams AG AS5115 Datasheet HTML 7Page - ams AG AS5115 Datasheet HTML 8Page - ams AG AS5115 Datasheet HTML 9Page - ams AG AS5115 Datasheet HTML 10Page - ams AG AS5115 Datasheet HTML 11Page - ams AG AS5115 Datasheet HTML 12Page - ams AG AS5115 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
www.austriamicrosystems.com/AS5115
Revision 1.11
8 - 20
AS5115
Datasheet - Detailed Descr i pti on
7.3 Device Communication / Programming
Note: “r” stands for reserved bits. They must not be modified, unless otherwise noted.
Remark:
1. Send EN PROG (command 16) in normal mode before accessing the OTP in extended mode.
2. OTP assignment will be defined/updated.
Command
5-bit command: cmd<4:0>
 bit<50:46>
Data
34-bit data: data<45:0>
 bit<45:0>
Interface Modes
Normal read operation mode
cmd<4:0> = <00xxx>
 1 DCLK per data bit
Extended read operation mode
cmd<4:0> = <01xxx>
 4 DCLK per data bit
Normal write operation mode
cmd<4:0> = <10xxx>
 1 DCLK per data bit
Extended write operation mode
cmd<4:0> = <11xxx>
 4 DCLK per data bit
Table 10. Digital Interface at Normal Mode
#
command
bin
mode
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
23
WRITE_CONFIG
10111
write
go2sleep
gen_rst
analog_sig
OB_bypassed
16
EN_PROG
10000
write
1
0
0
0
1
1
0
0
1
0
1
0
1
1
1
0
Name
Functionality
go2sleep
Enter/leave low power mode (no output signals)
gen_rst
Generates global reset
analog_sig
Switches the channels to the test bus after the PGA
OB_bypassed
Disable and bypass output buffer for testing purpose
Table 11. Digital Interface at Extended Mode
#
command
bin
mode
Factory Settings
User Settings
<45:44> <43:
26>
<25:23> <22:20> <19:18> <17:14> <13> <12>
<11>
<10>
<9>
<8:7>
<6>
<5:0>
31
WRITE_OTP
11111
xt write
r
r
r
r
r
r
r
r
invert_
channel
cm_sin
cm_cos
gain
dc_
offset
hall_
bias
25
PROG_OTP
11001 xt write
r
r
r
r
r
r
r
r
invert_
channel
cm_sin
cm_cos
gain
dc_
offset
hall_
bias
15
RD_OTP
01111
xt read
r
r
r
r
r
r
r
r
invert_
channel
cm_sin
cm_cos
gain
dc_
offset
hall_
bias
9
RD_OTP_ANA
01001 xt read
Name
Functionality
invert_channel Inverts
SIN and COS channel before the PGA for inverted output function (0
 SIN/COS, 1  SINN/COSN)
cm_sin
Common mode voltage output enabled at SINN / CM pin (0
 differential, 1  common)
cm_cos
Common mode voltage output enabled at COSN / CM pin (0
 differential, 1  common)
gain
PGA gain setting (influences overall magnetic sensitivity), 2-bit
dc_offset
Output DC bias offset (0
 Voffset1=1.5V, 1  Voffset2=2.5V)
Hall_b
Hall bias setting (influences overall magnetic sensitivity), 6-bit
Parameter
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com