Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5115 Datasheet(PDF) 4 Page - ams AG

Part # AS5115
Description  Programmable 360 Magnetic Angle Encoder with Buffered SINE COSINE Output Signals
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5115 Datasheet(HTML) 4 Page - ams AG

  AS5115 Datasheet HTML 1Page - ams AG AS5115 Datasheet HTML 2Page - ams AG AS5115 Datasheet HTML 3Page - ams AG AS5115 Datasheet HTML 4Page - ams AG AS5115 Datasheet HTML 5Page - ams AG AS5115 Datasheet HTML 6Page - ams AG AS5115 Datasheet HTML 7Page - ams AG AS5115 Datasheet HTML 8Page - ams AG AS5115 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
www.austriamicrosystems.com/AS5115
Revision 1.11
3 - 20
AS5115
Datasheet - Pin Assignm ents
4 Pin Assignments
Figure 2. Pin Assignments (Top View)
4.1 Pin Descriptions
Table 1. Pin Descriptions
Pin Name
Pin Number
Pin Type
Description
DCLK
1
Digital input with Schmitt
trigger
Clock input for digital interface
CS
2
Clock input for digital interface, Scan enable
DIO
3
Digital input/output
Data I/O for digital interface, Scan input
TC
4
Analog input/output
Test coil
A_TST
5
Analog output/Digital
output
Analog test pin, Scan output
PROG
6
Supply pad
OTP Programming Pad
VSS
7
Also used as VSS of test coil + EasyZapp (double bond)
SINP/SINN
8
Analog output
Buffered analog output
SINN/SINP/CM_SIN
9
COSP/COSN
10
COSN/COSP/CM_COS
11
TB3
12
Analog output/Digital
input
Test bus, analog output
TB2
13
TB1
14
Test bus, analog output; external clock
 sync. prod. test
TB0
15
Analog output
Test bus, analog output
VDD
16
Supply pad
Digital + analog supply
AS5115
1
2
3
4
5
6
7
8
12
16
15
14
13
VDD
DCLK
CS
DIO
TC
A_TST
PROG
VSS
TB0
TB1
TB2
TB3
COSN/COSP/CM_COS
COSP/COSN
SINN/SINP/CM_SIN
SINP/SINN
11
10
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com