Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5115 Datasheet(PDF) 2 Page - ams AG

Part # AS5115
Description  Programmable 360 Magnetic Angle Encoder with Buffered SINE COSINE Output Signals
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5115 Datasheet(HTML) 2 Page - ams AG

  AS5115 Datasheet HTML 1Page - ams AG AS5115 Datasheet HTML 2Page - ams AG AS5115 Datasheet HTML 3Page - ams AG AS5115 Datasheet HTML 4Page - ams AG AS5115 Datasheet HTML 5Page - ams AG AS5115 Datasheet HTML 6Page - ams AG AS5115 Datasheet HTML 7Page - ams AG AS5115 Datasheet HTML 8Page - ams AG AS5115 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
AS5115
Programmable 360º Magnetic Angle Encoder with Buffered SINE &
COSINE Output Signals
www.austriamicrosystems.com/AS5115
Revision 1.11
1 - 20
Datasheet
1 General Description
The AS5115 is a contactless rotary encoder sensor for accurate
angular measurement over a full turn of 360º and over an extended
ambient temperature range of -40ºC to +150ºC.
Based on an integrated Hall element array, the angular position of a
simple two-pole magnet is translated into analog output voltages.
The angle information is provided by means of buffered sine and
cosine voltages. This approach gives maximum flexibility in system
design, as it can be directly integrated into existing architectures and
optimized for various applications in terms of speed and accuracy.
An SSI Interface is implemented for signal path configuration as well
as a one time programmable register block (OTP), which allows the
customer to adjust the signal path gain to adjust for different
mechanical constraints and magnetic field.
Figure 1. AS5115 Block Diagram
2 Key Features

Contactless angular position encoding

High precision analog output

Buffered Sine and Cosine signals

SSI Interface

Low power mode

Two programmable output modes: Differential or Single ended

Wide magnetic field input range: 20 – 80 mT

Wide temperature range: -40ºC to +150ºC

Fully automotive qualified to AEC-Q100, grade 0

SSOP-16 package
3 Applications
The AS5115 is ideal for several automotive and industrial
applications.
AS5115
VDD
VSS
SINP/SINN
SINN/SINP/CM_SIN
COSP/COSN
COSN/COSP/CM_COS
PROG
CS
DCLK
DIO
OTP Register
Hall Array
&
Frontend
Amplifier
Digital Part
SSI Interface
Power
Management
Buffer Stage
Buffer Stage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com