Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5115 Datasheet(PDF) 19 Page - ams AG

Part # AS5115
Description  Programmable 360 Magnetic Angle Encoder with Buffered SINE COSINE Output Signals
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5115 Datasheet(HTML) 19 Page - ams AG

Back Button AS5115 Datasheet HTML 13Page - ams AG AS5115 Datasheet HTML 14Page - ams AG AS5115 Datasheet HTML 15Page - ams AG AS5115 Datasheet HTML 16Page - ams AG AS5115 Datasheet HTML 17Page - ams AG AS5115 Datasheet HTML 18Page - ams AG AS5115 Datasheet HTML 19Page - ams AG AS5115 Datasheet HTML 20Page - ams AG AS5115 Datasheet HTML 21Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
www.austriamicrosystems.com/AS5115
Revision 1.11
18 - 20
AS5115
Datasheet - Revision Hist ory
Revision History
Note: Typos may not be explicitly mentioned under revision history.
Revision
Date
Owner
Description
1.0
Jul 03, 2008
apg
Initial revision
1.1
Jul 15, 2008
Key Features and pin description updated.
1.2
Jul 14, 2009
Updated min, typ, max values for ‘Power up time’ parameter in Table 6.
1.3
Nov 30, 2009
Deleted ‘Displacement’ parameter from Table 5.
Updated the following parameters in Table 6:
- Values and conditions updated for
1. Propagation delay
2. Amplitude ratio tracking accuracy over temperature
3. DC Offset Drift
- Deleted the ‘Output Offset’ parameter from the table.
Updated following bits related information on page 8 - invert_channel,
cm_sin, cm_cos, gain, dc_offset, Hall_b
Inserted Figure 3 and Figure 4
Updated Key Features (page 1), Table 11, and Figure 8
Hall Array Radius value updated from 1.1mm to 1mm
1.4
Dec 11, 2009
Updated values for ‘Magnetic Sensitivity’ parameter in Table 6.
1.5
Mar 02, 2010
Updated ‘Interface General at extended mode’ (see Table 9)
Updated values for ‘Power up time’ parameter in Table 6.
Added pin type in Table 1, updated reserved bits information in Table 11.
Mar 19, 2010
Added ‘Current Consumption’ parameter in Table 6.
Nov 10, 2010
sti
Updated Table 5 and Table 6.
1.6
Feb 07, 2011
mub
Added Figure 11. Updated Package Drawings and Markings (page 17),
Table 2 and Table 5. Removed magnet related detailed info.
1.7
Feb 16, 2011
sti
Updated Table 5.
1.8
Mar 22, 2011
mub
Updated Package Drawings and Markings (page 17).
Apr 07, 2011
apg
Deleted Tubes variant in Ordering Information (page 19).
May 26, 2011
mub
Updated Key Features, OTP Programming and Verification, Table 4,
Table 6.
Jun 10, 2011
Updated Absolute Maximum Ratings (page 4).
1.9
Sep 19, 2011
Updated Ordering Information (page 19).
1.10
Dec 14, 2011
ekno
Added subversion AS5115A info in the datasheet.
Feb 10, 2012
Updated Figure 9 added Note on page13.
1.11
Mar 06, 2012
Updated Table 6 and Figure 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com