Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5145A-HSST Datasheet(PDF) 11 Page - ams AG

Part # AS5145A-HSST
Description  12-Bit Programmable Magnetic Rotary Encoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5145A-HSST Datasheet(HTML) 11 Page - ams AG

Back Button AS5145A-HSST Datasheet HTML 7Page - ams AG AS5145A-HSST Datasheet HTML 8Page - ams AG AS5145A-HSST Datasheet HTML 9Page - ams AG AS5145A-HSST Datasheet HTML 10Page - ams AG AS5145A-HSST Datasheet HTML 11Page - ams AG AS5145A-HSST Datasheet HTML 12Page - ams AG AS5145A-HSST Datasheet HTML 13Page - ams AG AS5145A-HSST Datasheet HTML 14Page - ams AG AS5145A-HSST Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
www.ams.com/AS5145
Revision 1.17
11 - 36
AS5145
Datasheet - Ti ming Character i s t ics
7 Timing Characteristics
TAMB = -40 to +150 ºC, VDD5V = 3.0 to 3.6V (3V operation) VDD5V = 4.5 to 5.5V (5V operation), unless otherwise noted. Also valid for version I.
Table 6. Timing Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Synchronous Serial Interface (SSI)
tDOactive
Data output activated (logic high)
Time between falling edge of CSn and
data output activated
100
ns
tCLKFE
First data shifted to output register
Time between falling edge of CSn and
first falling edge of CLK
500
ns
TCLK/2
Start of data output
Rising edge of CLK shifts out one bit at a
time
500
ns
tDOvalid
Data output valid
Time between rising edge of CLK and
data output valid
413
ns
tDOtristate
Data output tri-state
After the last bit DO changes back to “tri-
state”
100
ns
tCSn
Pulse width of CSn
CSn =high; To initiate read-out of next
angular position
500
ns
fCLK
Read-out frequency
Clock frequency to read out serial data
>0
1
MHz
Pulse Width Modulation Output
fPWM
PWM frequency
Signal period = 4098µs ±10% at TAMB
= -40 to +150ºC
220
244
268
Hz
PWMIN
Minimum pulse width
Position 0d; angle 0 degree
0.90
1
1.10
µs
PWMAX
Maximum pulse width
Position 4098d; angle 359.91 degrees
3686
4096
4506
µs
Programming Conditions
tPROG
Programming time per bit
Time to prog. a single fuse bit
10
20
µs
tCHARGE
Refresh time per bit
Time to charge the cap after tPROG
1µs
fLOAD
LOAD frequency
Data can be loaded at n x 2µs
500
kHz
fREAD
READ frequency
Read the data from the latch
2.5
MHz
fWRITE
WRITE frequency
Write the data to the latch
2.5
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com