Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5145A-HSST Datasheet(PDF) 4 Page - ams AG

Part # AS5145A-HSST
Description  12-Bit Programmable Magnetic Rotary Encoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5145A-HSST Datasheet(HTML) 4 Page - ams AG

  AS5145A-HSST Datasheet HTML 1Page - ams AG AS5145A-HSST Datasheet HTML 2Page - ams AG AS5145A-HSST Datasheet HTML 3Page - ams AG AS5145A-HSST Datasheet HTML 4Page - ams AG AS5145A-HSST Datasheet HTML 5Page - ams AG AS5145A-HSST Datasheet HTML 6Page - ams AG AS5145A-HSST Datasheet HTML 7Page - ams AG AS5145A-HSST Datasheet HTML 8Page - ams AG AS5145A-HSST Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
www.ams.com/AS5145
Revision 1.17
4 - 36
AS5145
Datasheet - Pin Assignm ents
4 Pin Assignments
Figure 2. Pin Assignments (Top View)
4.1 Pin Descriptions
The following SSOP16 shows the description of each pin of the standard SSOP16 package (Shrink Small Outline Package, 16 leads, body size:
5.3mm x 6.2mmm; (see Figure 2).
Table 1. Pin Descriptions
Pin Name
Pin Number
Pin Type
Description
MagINCn
1
Digital output open
drain
Magnet Field Magnitude Increase. Active low. Indicates a distance
reduction between the magnet and the device surface. (see Table 9)
MagDECn
2
Magnet Field Magnitude Decrease. Active low. Indicates a distance
increase between the device and the magnet. (see Table 9)
DTest1_A
3
Digital output
Test output in default mode
DTest2_B
4
Test output in default mode
NC
5
-
Must be left unconnected
Mode_Index
6
Digital input/output
pull-down
Select between slow (open, low: VSS) and fast (high) mode. Internal pull-
down resistor (10k
Ω).
VSS
7
Supply pin
Negative Supply Voltage (GND)
PDIO
8
Digital input pull-down
OTP Programming Input and Data Input for Daisy Chain mode. Pin
has an internal pull-down resistor (74k
Ω). Connect this pin to VSS if
programming is not required.
DO
9
Digital output/ tri-state Data Output of Synchronous Serial Interface
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
MagINCn
MagDECn
DTest1_A
DTest2_B
NC
VSS
PDIO
DO
CLK
CSn
PWM
NC
NC
VDD3V3
VDD5V
Mode_Index



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com