Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5145A-HSST Datasheet(PDF) 25 Page - ams AG

Part # AS5145A-HSST
Description  12-Bit Programmable Magnetic Rotary Encoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5145A-HSST Datasheet(HTML) 25 Page - ams AG

Back Button AS5145A-HSST Datasheet HTML 21Page - ams AG AS5145A-HSST Datasheet HTML 22Page - ams AG AS5145A-HSST Datasheet HTML 23Page - ams AG AS5145A-HSST Datasheet HTML 24Page - ams AG AS5145A-HSST Datasheet HTML 25Page - ams AG AS5145A-HSST Datasheet HTML 26Page - ams AG AS5145A-HSST Datasheet HTML 27Page - ams AG AS5145A-HSST Datasheet HTML 28Page - ams AG AS5145A-HSST Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
www.ams.com/AS5145
Revision 1.17
25 - 36
AS5145
Datasheet - Application In form atio n
Figure 18. Typical Magnet (6x3mm) and Magnetic Field Distribution
9.4.1 Physical Placement of the Magnet
The best linearity can be achieved by placing the center of the magnet exactly over the defined center of the chip as shown in the drawing below:
Figure 19. Defined Chip Center and Magnet Displacement Radius
Magnet axis
Vertical field
component
(45…75mT)
0
360
360
Bv
Vertical field
component
R1 concentric circle;
radius 1.1mm
R1
Magnet axis
typ. 6mm diameter
S
N
Area of recommended maximum mag-
net misalignment
Defined
center
Rd
3.9mm
3.9mm
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com