Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5145A-HSST Datasheet(PDF) 14 Page - ams AG

Part # AS5145A-HSST
Description  12-Bit Programmable Magnetic Rotary Encoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5145A-HSST Datasheet(HTML) 14 Page - ams AG

Back Button AS5145A-HSST Datasheet HTML 10Page - ams AG AS5145A-HSST Datasheet HTML 11Page - ams AG AS5145A-HSST Datasheet HTML 12Page - ams AG AS5145A-HSST Datasheet HTML 13Page - ams AG AS5145A-HSST Datasheet HTML 14Page - ams AG AS5145A-HSST Datasheet HTML 15Page - ams AG AS5145A-HSST Datasheet HTML 16Page - ams AG AS5145A-HSST Datasheet HTML 17Page - ams AG AS5145A-HSST Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
www.ams.com/AS5145
Revision 1.17
14 - 36
AS5145
Datasheet - Detailed Descr i p ti on
Z-axis Range Indication (Push Button Feature, Red/Yellow/Green Indicator). The AS5145 provides several options of detecting
movement and distance of the magnet in the Z-direction. Signal indicators MagINCn and MagDECn are available both as hardware pins (pins #1
and 2) and as status bits in the serial data stream (see Figure 5).
In the default state, the status bits MagINC, MagDec and pins MagINCn, MagDECn have the following function:
Note:
Pin 1 (MagINCn) and pin 2 (MagDECn) are active low via open drain output and require an external pull-up resistor. If the magnetic
field is in range, both outputs are turned off.
The two pins can also be combined with a single pull-up resistor. In this case, the signal is high when the magnetic field is in range. It is low in all
other cases (see Table 9).
8.1.2 Incremental Mode
The AS5145 has an internal interpolator block. This function is used if the input magnetic field is to fast and a code position is missing. In this
case an interpolation is done.
With the OTP bits OutputMd0 and OutputMd1 a specific mode can be selected. For the available pre-programmed incremental versions (10-bit
and 12-bit), these bits are set during test at ams. These settings are permanent and can not be recovered.
A change of the incremental mode (WRITE command) during operation could cause problems. A power-on-reset in between is recommended.
Table 9. Magnetic Field Strength Red-Yellow-Green Indicator
Status Bits
Hardware Pins
OTP: Mag CompEn = 1 (Red-Yellow-Green)
Mac
INC
Mag DEC
LIN
Mac INCn Mag DECn
Description
000
Off
Off
No distance change
Magnetic input field OK (GREEN range, ~45…75mT)
110
On
Off
YELLOW range: magnetic field is ~ 25…45mT or ~75…135mT. The
AS5145 can still be operated in this range, but with slightly reduced
accuracy.
111
On
On
RED range: magnetic field is ~<25mT or >~135mT. It is still possible to
operate the AS5145 in the red range, but not recommended.
All other combinations
n/a
n/a
Not available
Table 10. Incremental Resolution
Mode
Description
Output
Md1
Output
Md0
Resolution
DTest1_A
and
DTest2_B
Pulses
Index Width
Default mode
AS5145 function DTEST1_A and
DTEST2_B are not used. The
Mode_Index pin is used for selection of
the decimation rate (low speed/high
speed).
00
10-bit
Incremental
mode
(low DNL)
DTEST1_A and DTEST2_B are used as
A and B signal. In this mode the
Mode_Index Pin is switched from input
to output and will be the Index Pin. The
decimation rate is set to 64 (fast mode)
and cannot be changed from external.
0
1
10
256
1/3
LSB
12-bit
Incremental
mode (high
DNL)
1
0
12
1024
Sync mode
In this mode a control signal is switched
to DTEST1_A and DTEST2_B.
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com