Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5145A-HSST Datasheet(PDF) 6 Page - ams AG

Part # AS5145A-HSST
Description  12-Bit Programmable Magnetic Rotary Encoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5145A-HSST Datasheet(HTML) 6 Page - ams AG

Back Button AS5145A-HSST Datasheet HTML 2Page - ams AG AS5145A-HSST Datasheet HTML 3Page - ams AG AS5145A-HSST Datasheet HTML 4Page - ams AG AS5145A-HSST Datasheet HTML 5Page - ams AG AS5145A-HSST Datasheet HTML 6Page - ams AG AS5145A-HSST Datasheet HTML 7Page - ams AG AS5145A-HSST Datasheet HTML 8Page - ams AG AS5145A-HSST Datasheet HTML 9Page - ams AG AS5145A-HSST Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
www.ams.com/AS5145
Revision 1.17
6 - 36
AS5145
Datasheet - Absolute Maximum Rat i ngs
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 2 may cause permanent damage to the device. These are stress ratings only, and functional operation of
the device at these or any other conditions beyond those indicated in Section 6 Electrical Characteristics on page 7 is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Table 2. Absolute Maximum Ratings
Parameter
Min
Max
Units
Comments
Electrical Parameters
DC supply voltage at pin VDD5V
-0.3
7
V
DC supply voltage at pin VDD3V3
5
V
Input pin voltage
-0.3
VDD5V +0.3
V
Except VDD3V3
Input current (latchup immunity)
-100
100
mA
Norm: EIA/JESD78 Class II Level A
Electrostatic Discharge
Electrostatic discharge
± 2
kV
Norm: JESD22-A114E
Temperature Ranges and Storage Conditions
Storage temperature
-55
150
ºC
Min -67ºF; Max +302ºF
Package Body temperature
260
ºC
The reflow peak soldering temperature (body
temperature) specified is in accordance with IPC/
JEDEC J-STD-020 “Moisture/Reflow Sensitivity
Classification for Non-Hermetic Solid State Surface
Mount Devices”.
The lead finish for Pb-free leaded packages is matte tin
(100% Sn).
Humidity non-condensing
5
85
%
Moisture Sensitive Level (MSL)
3
Represents a maximum floor time of 168h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com