Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5145A-HSST Datasheet(PDF) 15 Page - ams AG

Part # AS5145A-HSST
Description  12-Bit Programmable Magnetic Rotary Encoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5145A-HSST Datasheet(HTML) 15 Page - ams AG

Back Button AS5145A-HSST Datasheet HTML 11Page - ams AG AS5145A-HSST Datasheet HTML 12Page - ams AG AS5145A-HSST Datasheet HTML 13Page - ams AG AS5145A-HSST Datasheet HTML 14Page - ams AG AS5145A-HSST Datasheet HTML 15Page - ams AG AS5145A-HSST Datasheet HTML 16Page - ams AG AS5145A-HSST Datasheet HTML 17Page - ams AG AS5145A-HSST Datasheet HTML 18Page - ams AG AS5145A-HSST Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
www.ams.com/AS5145
Revision 1.17
15 - 36
AS5145
Datasheet - Detailed Descr i p ti on
Incremental Power-up Lock Option. After power-up, the incremental outputs can optionally be locked or unlocked, depending on the
status of the CSn pin:

CSn = low at power-up: CSn has an internal pull-up resistor and must be externally pulled low (
). If Csn is low at power-up,
the incremental outputs (A, B, Index) will be high until the internal offset compensation is finished. This unique state (A=B=Index = high) can
be used as an indicator for the external controller to shorten the waiting time at power-up. Instead of waiting for the specified maximum
power up-time (0), the controller can start requesting data from the AS5145 as soon as the state (A=B=Index = high) is cleared.

CSn = high or open at power-up: In this mode, the incremental outputs (A, B, Index) will remain at logic high state, until CSn goes low or a
low pulse is applied at CSn. This mode allows intentional disabling of the incremental outputs until, for example the system microcontroller
is ready to receive data.
Figure 6. Incremental Output
The hysteresis trimming is done at the final test (factory trimming) and set to 4 LSB, related to a 12-bit number.
Incremental Output Hysteresis. To avoid flickering incremental outputs at a stationary magnet position, a hysteresis is introduced. In case
of a rotational direction change, the incremental outputs have a hysteresis of 4 LSB. Regardless of the programmed incremental resolution, the
hysteresis of 4 LSB always corresponds to the highest resolution of 12-bit. In absolute terms, the hysteresis is set to 0.35 degrees for all
resolutions. For constant rotational directions, every magnet position change is indicated at the incremental outputs (see Figure 7). For example,
if the magnet turns clockwise from position “x+3“ to “x+4“, the incremental output would also indicate this position accordingly. A change of the
magnet’s rotational direction back to position “x+3“ means that the incremental output still remains unchanged for the duration of 4 LSB, until
position “x+2“is reached. Following this direction, the incremental outputs will again be updated with every change of the magnet position.
Figure 7. Hysteresis Window for Incremental Outputs
R
ext
5k
Ω
≤
Mode_Index
D Test2_B
D Test1_A
1 LSB
Programmed
Zero Position
ClockWise
3 LSB
Counter ClockWise
Magnet Position
Hysteresis :
0.35°
X +2
Incremental
Output
Indication
Clockwise Direction
Counterclockwise Direction
X +4
X
X
X +2
X +4 X +5
X +3
X +1
X +1
X +3
X +6
X +5
X +6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com