Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5145A-HSST Datasheet(PDF) 26 Page - ams AG

Part # AS5145A-HSST
Description  12-Bit Programmable Magnetic Rotary Encoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5145A-HSST Datasheet(HTML) 26 Page - ams AG

Back Button AS5145A-HSST Datasheet HTML 22Page - ams AG AS5145A-HSST Datasheet HTML 23Page - ams AG AS5145A-HSST Datasheet HTML 24Page - ams AG AS5145A-HSST Datasheet HTML 25Page - ams AG AS5145A-HSST Datasheet HTML 26Page - ams AG AS5145A-HSST Datasheet HTML 27Page - ams AG AS5145A-HSST Datasheet HTML 28Page - ams AG AS5145A-HSST Datasheet HTML 29Page - ams AG AS5145A-HSST Datasheet HTML 30Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
www.ams.com/AS5145
Revision 1.17
26 - 36
AS5145
Datasheet - Application In form atio n
9.4.2 Magnet Placement
The magnet’s center axis must be aligned within a displacement radius Rd of 0.25mm from the defined center of the IC. The magnet can be
placed below or above the device. The distance can be chosen such that the magnetic field on the die surface is within the specified limits (see
Figure 19). The typical distance “z” between the magnet and the package surface is 0.5mm to 1.5mm, provided the use of the recommended
magnet material and dimensions (6mm x 3mm). Larger distances are possible, as long as the required magnetic field strength stays within the
defined limits.
A magnetic field outside the specified range still can be detected by the chip. But the out-of-range condition will be indicated by MagINCn (pin 1)
and MagDECn (pin 2), (see Table 1).
9.5 Failure Diagnostics
The AS5145 also offers several diagnostic and failure detection features:
9.5.1 Magnetic Field Strength Diagnosis
By software: the MagINC and MagDEC status bits will both be high when the magnetic field is out of range.
By hardware: Pins #1 (MagINCn) and #2 (MagDECn) are open-drain outputs and will both be turned on (= low with external pull-up resistor)
when the magnetic field is out of range. If only one of the outputs are low, the magnet is either moving towards the chip (MagINCn) or away from
the chip (MagDECn).
9.5.2 Power Supply Failure Detection
By software: If the power supply to the AS5145 is interrupted, the digital data read by the SSI will be all “0”s. Data is only valid, when bit OCF is
high, hence a data stream with all “0”s is invalid. To ensure adequate low levels in the failure case, a pull-down resistor (~10k
Ω) must be added
between pin DIO and VSS at the receiving side.
By hardware: The MagINCn and MagDECn pins are open drain outputs and require external pull-up resistors. In normal operation, these pins
are high ohmic and the outputs are high (see Table 9). In a failure case, either when the magnetic field is out of range of the power supply is
missing, these outputs will become low. To ensure adequate low levels in case of a broken power supply to the AS5145, the pull-up resistors
(~10k
Ω) from each pin must be connected to the positive supply at pin 16 (VDD5V).
By hardware: PWM output: The PWM output is a constant stream of pulses with 1kHz repetition frequency. In case of power loss, these pulses
are missing.
9.6 Angular Output Tolerances
9.6.1 Accuracy
Accuracy is defined as the error between measured angle and actual angle. It is influenced by several factors:
- The non-linearity of the analog-digital converters
- Internal gain and mismatch errors
- Non-linearity due to misalignment of the magnet
As a sum of all these errors, the accuracy with centered magnet = (Errmax – Errmin)/2 is specified as better than ±0.5 degrees @ 25ºC (see
Figure 21).
Misalignment of the magnet further reduces the accuracy. Figure 20 shows an example of a 3D-graph displaying non-linearity over XY-
misalignment. The center of the square XY-area corresponds to a centered magnet (see dot in the center of the graph). The X- and Y- axis
extends to a misalignment of ±1mm in both directions. The total misalignment area of the graph covers a square of 2x2mm (79x79mil) with a
step size of 100µm.
For each misalignment step, the measurement as shown in Figure 21 is repeated and the accuracy
(Errmax – Errmin)/2 (e.g. 0.25º in Figure 21) is entered as the Z-axis in the 3D-graph.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com