Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1769IGN Datasheet(PDF) 6 Page - Linear Integrated Systems

Part # LT1769IGN
Description  Constant-Current/ Constant-Voltage 2A Battery Charger with Input Current Limiting
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1769IGN Datasheet(HTML) 6 Page - Linear Integrated Systems

Back Button LT1769IGN Datasheet HTML 2Page - Linear Integrated Systems LT1769IGN Datasheet HTML 3Page - Linear Integrated Systems LT1769IGN Datasheet HTML 4Page - Linear Integrated Systems LT1769IGN Datasheet HTML 5Page - Linear Integrated Systems LT1769IGN Datasheet HTML 6Page - Linear Integrated Systems LT1769IGN Datasheet HTML 7Page - Linear Integrated Systems LT1769IGN Datasheet HTML 8Page - Linear Integrated Systems LT1769IGN Datasheet HTML 9Page - Linear Integrated Systems LT1769IGN Datasheet HTML 10Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT1769
1769fa
GND (Pins 1 to 3, 7, 8, 14, 15, 22, 26 to 28/Pins 4, 5, 14,
20): Ground Pins. Must be connected to expanded PC
lands for proper heat sinking. See Applications Informa-
tion section for details.
SW (Pin 4/Pin 1): Switch Output. The Schottky catch
diode must be placed with very short lead length in close
proximity to SW pin and GND.
BOOST (Pin 5/Pin 2): This pin is used to bootstrap and
drive the switch power NPN transistor to a low on-voltage
for low power dissipation. In Figure 1, VBOOST = VCC + VBAT
when switch is on. For lowest IC power dissipation,
connect boost diode D1 to a 3V to 6V at 30mA voltage
source (see Figure 10).
UV (Pin 6/Pin 3): Undervoltage Lockout Input. The rising
threshold is at 6.7V with a hysteresis of 0.5V. Switching
stops in undervoltage lockout. When the input supply
(normally the wall adapter output) to the IC is removed, the
UV pin must be pulled down to below 0.7V (a 5k resistor
from adapter output to GND is required) otherwise the
reverse battery current drained by the IC will be approxi-
mately 200
µA instead of 3µA. Do not leave the UV pin
floating. When connected to VIN with no resistor divider,
the built-in 6.7V undervoltage lockout will be effective.
OVP (Pin 9/Pin 6): This is the input to amplifier VA with a
threshold of 2.465V. Typical bias current is about 3nA out
of this pin. For charging lithium-ion batteries, VA monitors
the battery voltage and reduces charging when battery
voltage reaches the preset value. If it is not used, the OVP
pin should be grounded.
CLP (Pin 10/Pin 8): This is the positive input to the input
current limit amplifier CL1. The threshold is set at 100mV.
When used to limit supply current, a filter is needed to filter
out the 200kHz switching noise.
CLN (Pin 11/Pin 7): This is the negative input to the input
current limit amplifier CL1.
COMP1 (Pin 12/Pin 9): This is the compensation node for
the input current limit amplifier CL1. At input adapter
current limit, this node rises to 1V. By forcing COMP1 low
with an external transistor, amplifier CL1 will be defeated
(no adapter current limit). COMP1 can source 200
µA. If
this function is not used, the resistor and capacitor on
COMP1 pin, shown on the Figure 1 circuit, are not needed.
SENSE (Pin 13/Pin 10): Current Amplifier CA1 Input.
Sensing can be at either terminal of the battery.
SPIN (Pin 16/Pin 11): This pin is for the current amplifier
CA1 bias. It must be connected to RS1 as shown in the 2A
Lithium Battery Charger (Figure 1).
BAT (Pin 17/Pin 12): Current Amplifier CA1 Input.
COMP2 (Pin 18): This is also a compensation node for
amplifier CL1. Voltage on this pin rises to 2.8V at input
adapter current limit and/or at constant-voltage charging.
UVOUT(Pin 19/Pin 13): This is an open-collector output for
undervoltage lockout status. It stays low in undervoltage
state. With an external pull-up resistor, it goes high at valid
VCC. Note that the base drive of the open-collector NPN
comes from CLN pin. UVOUT stays low only when CLN is
higher than 2V. Pull-up current should be kept under 100
µA.
VC (Pin 20/Pin 15): This is the inner loop control signal for
the current mode PWM. Switching starts at 0.7V. In
normal operation, a higher VC corresponds to higher
charge current. A capacitor of at least 0.33
µF to GND
filters out noise and controls the rate of soft start. To stop
switching, pull this pin low. Typical output current is 30
µA.
PROG (Pin 21/Pin 16): This pin is for programming the
charge current and for system loop compensation. During
normal operation, VPROG stays close to 2.465V. If it is
shorted to GND switching will stop. When a microproces-
sor controlled DAC is used to program charge current, it
must be capable of sinking current at a compliance up to
2.465V.
VCC1, VCC2, VCC3 (Pins 23 to 25/Pins 17 to 19): Input
Supply. For good bypass, a low ESR capacitor of 15
µF or
higher is required, with the lead length kept to a minimum.
VCC should be between 8V and 28V and at least 3V higher
than VBAT. Undervoltage lockout starts and switching
stops when VCC goes below 7V typical. Note that there is
an internal parasitic diode from SW pin to VCC pin. Do not
force VCC below SW by more than 0.7V with battery
present. All three VCC pins should be shorted together
close to the pins.
PIN FUNCTIONS (GN/FE Pin Numbers)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com