Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1769IGN Datasheet(PDF) 1 Page - Linear Integrated Systems

Part # LT1769IGN
Description  Constant-Current/ Constant-Voltage 2A Battery Charger with Input Current Limiting
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1769IGN Datasheet(HTML) 1 Page - Linear Integrated Systems

  LT1769IGN Datasheet HTML 1Page - Linear Integrated Systems LT1769IGN Datasheet HTML 2Page - Linear Integrated Systems LT1769IGN Datasheet HTML 3Page - Linear Integrated Systems LT1769IGN Datasheet HTML 4Page - Linear Integrated Systems LT1769IGN Datasheet HTML 5Page - Linear Integrated Systems LT1769IGN Datasheet HTML 6Page - Linear Integrated Systems LT1769IGN Datasheet HTML 7Page - Linear Integrated Systems LT1769IGN Datasheet HTML 8Page - Linear Integrated Systems LT1769IGN Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1769
1769fa
Constant-Current/
Constant-Voltage 2A Battery
Charger with Input Current Limiting
s
Simple Solution to Charge NiCd, NiMH and Lithium
Rechargeable Batteries—Charging Current
Programmed by Resistors or DAC
s
Adapter Current Limit Allows Maximum Possible
Charging Current During System Use*
s
Precision 0.5% Accuracy for Voltage Mode Charging
s
Available in 20-Lead Exposed Pad TSSOP and
28-Lead Narrow SSOP Packages
s
High Efficiency Current Mode PWM with 3A Internal
Switch
s
5% Charge Current Accuracy
s
Adjustable Undervoltage Lockout
s
Automatic Shutdown When AC Adapter is Removed
s
Low Reverse Battery Drain Current: 3
µA
s
Current Sensing Can Be at Either Terminal of the Battery
s
Charging Current Soft Start
s
Shutdown Control
The LT
®1769 current mode PWM battery charger is a
simple, efficient solution to fast charge modern recharge-
able batteries including lithium-ion (Li-Ion), nickel-metal-
hydride (NiMH) and nickel-cadmium (NiCd) that require
constant-current and/or constant-voltage charging. The
internal switch is capable of delivering 2A** DC current
(3A peak current). Charge current can be programmed by
resistors or a DAC to within 5%. With 0.5% reference voltage
accuracy, the LT1769 meets the critical constant-voltage
charging requirement for Li-Ion cells.
A third control loop is provided to regulate the current
drawn from the input AC adapter. This allows simulta-
neous operation of the equipment and battery charging
without overloading the adapter. Charge current is reduced
to keep the adapter current below specified levels.
The LT1769 can charge batteries ranging from 1V to 20V.
Ground sensing of current is not required and the battery’s
negative terminal can be tied directly to ground. A saturat-
ing switch running at 200kHz gives high charging effi-
ciency and small inductor size. A blocking diode is not
required between the chip and the battery because the
chip goes into sleep mode and drains only 3
µA when the
wall adapter is unplugged.
Figure 1. 2A Lithium-Ion Battery Charger
s
Chargers for NiCd, NiMH, Lead-Acid, Lithium
Rechargeable Batteries
s
Switching Regulators with Precision Current Limit
, LTC and LT are registered trademarks of Linear Technology Corporation.
*US patent number 5,723,970
**See LT1510 for 1.5A charger; see LT1511 for 3A charger
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
SW
BOOST
COMP1
CLN
UV
OVP SENSE
BAT
C1
1
µF
RS4
†
ADAPTER
CURRENT SENSE
R7
†
500
Ω
R5
†
UNDERVOLTAGE
LOCKOUT
R6
5k
VIN (ADAPTER INPUT)
11V TO 28V
VBAT
CPROG
1
µF
CIN*
15
µF
300
Ω
RPROG
4.93k
1%
0.33
µF
C2
0.47
µF
RS3
200
Ω
1%
RS2
200
Ω
1%
L1**
22
µH
D2
1N4148
2nF
10k
RS1
0.05
Ω
BATTERY CURRENT
SENSE
R3
390k
0.25%
BATTERY
VOLTAGE SENSE
R4
162k
0.25%
COUT
22
µF
TANT
8.4V
Li-Ion
LT1769
NOTE: COMPLETE LITHIUM-ION CHARGER,
NO TERMINATION REQUIRED. RS4, R7
AND C1 ARE OPTIONAL FOR IIN LIMITING
*TOKIN OR UNITED CHEMI-CON/MARCON
CERAMIC SURFACE MOUNT
**22
µH SUMIDA CDRH125
†SEE APPLICATIONS INFORMATION FOR
INPUT CURRENT LIMIT AND UNDERVOLTAGE LOCKOUT
††GENERAL SEMICONDUCTOR. FOR T
J LESS THEN 100°C
MBRS130LT3 CAN BE USED
VCC
TO MAIN
SYSTEM LOAD
SPIN
D1
††
SS24
GND
CLP
D3
††
SS24
1511 • F01
PROG
VC
+


Similar Part No. - LT1769IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1769IGN LINER-LT1769IGN Datasheet
214Kb / 16P
Constant-Current/ Constant-Voltage 2A Battery Charger with Input Current Limiting
More results

Similar Description - LT1769IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1510 LINER-LT1510 Datasheet
339Kb / 16P
Constant-Voltage/ Constant-Current Battery Charger
LT1511 LINER-LT1511 Datasheet
145Kb / 16P
Constant-Current/ Constant-Voltage 3A Battery Charger with Input Current Limiting
LT1512 LINER-LT1512 Datasheet
261Kb / 12P
SEPIC Constant-Current/ Constant-Voltage Battery Charger
LT1769 LINER-LT1769 Datasheet
214Kb / 16P
Constant-Current/ Constant-Voltage 2A Battery Charger with Input Current Limiting
logo
Semtech Corporation
SC1410A SEMTECH-SC1410A Datasheet
173Kb / 9P
Constant Voltage/Constant Current Battery Charger
logo
Linear Technology
LT1510 LINER-LT1510_15 Datasheet
295Kb / 16P
Constant-Voltage/ Constant-Current Battery Charger
LT1510-5 LINER-LT1510-5_15 Datasheet
295Kb / 16P
Constant-Voltage/ Constant-Current Battery Charger
LT1512 LINER-LT1512_15 Datasheet
211Kb / 14P
SEPIC Constant-Current/ Constant-Voltage Battery Charger
LT1511 LINER-LT1511_15 Datasheet
150Kb / 16P
Constant-Current/ Constant-Voltage 3A Battery Charger with Input Current Limiting
LT1769 LINER-LT1769_15 Datasheet
242Kb / 16P
Constant-Current/ Constant-Voltage 2A Battery Charger with Input Current Limiting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com