Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1769IGN Datasheet(PDF) 9 Page - Linear Integrated Systems

Part # LT1769IGN
Description  Constant-Current/ Constant-Voltage 2A Battery Charger with Input Current Limiting
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1769IGN Datasheet(HTML) 9 Page - Linear Integrated Systems

Back Button LT1769IGN Datasheet HTML 5Page - Linear Integrated Systems LT1769IGN Datasheet HTML 6Page - Linear Integrated Systems LT1769IGN Datasheet HTML 7Page - Linear Integrated Systems LT1769IGN Datasheet HTML 8Page - Linear Integrated Systems LT1769IGN Datasheet HTML 9Page - Linear Integrated Systems LT1769IGN Datasheet HTML 10Page - Linear Integrated Systems LT1769IGN Datasheet HTML 11Page - Linear Integrated Systems LT1769IGN Datasheet HTML 12Page - Linear Integrated Systems LT1769IGN Datasheet HTML 13Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT1769
1769fa
APPLICATIONS INFORMATION
Input and Output Capacitors
In the 2A Lithium-Ion Battery Charger (Figure 1), the input
capacitor (CIN) is assumed to absorb all input switching
ripple current in the converter, so it must have adequate
ripple current rating. Worst-case RMS ripple current will
be equal to one half of the output charge current. Actual
capacitance value is not critical. Solid tantalum capacitors
such as the AVX TPS and Sprague 593D series have high
ripple current rating in a relatively small surface mount
package, but
caution must be used when tantalum capaci-
tors are used for input bypass. High input surge currents
are possible when the adapter is hot-plugged to the
charger and solid tantalum capacitors have a known
failure mechanism when subjected to very high turn-on
surge currents. Selecting a high voltage rating on the
capacitor will minimize problems. Consult with the manu-
facturer before use. Alternatives include new high capacity
ceramic (5
µF to 20µF) from Tokin or United Chemi-Con/
Marcon, et al. Sanyo OS-CON can also be used.
The output capacitor (COUT) is also assumed to absorb
output switching ripple current. The general formula for
capacitor ripple current is:
IRMS =
(L1)(f)
VBAT
VCC
()
0.29 (VBAT) 1 –
For example, VCC = 16V, VBAT = 8.4V, L1 = 20µH,
and f = 200kHz, IRMS = 0.3A.
EMI considerations usually make it desirable to minimize
ripple current in the battery leads. Beads or inductors can
be added to increase battery impedance at the 200kHz
switching frequency. Switching ripple current splits be-
tween the battery and the output capacitor depending on
the ESR of the output capacitor and the battery imped-
ance. If the ESR of COUT is 0.2Ω and the battery impedance
is raised to 4
Ω with a bead or inductor, only 5% of the
ripple current will flow into the battery.
Soft-Start and Undervoltage Lockout
The LT1769 is soft-started by the 0.33
µF capacitor on the
VC pin. On start-up, the VC pin voltage will quickly rise to
0.5V, then ramp at a rate set by the internal 45
µA pull-up
current and the external capacitor. Charge current starts
ramping up when VC pin voltage reaches 0.7V and full
current is achieved with VC at 1.1V. With a 0.33µF capaci-
tor, the time to reach full charge current is about 10ms and
it is assumed that input voltage to the charger will reach full
value in less than 10ms. The capacitor can be
increased up to 1
µFiflongerinputstart-uptimesareneeded.
In any switching regulator, conventional time-based soft-
starting can be defeated if the input voltage rises much
slower than the time out period. This happens because the
switching regulators in the battery charger and the com-
puter power supply are typically supplying a fixed amount
of power to the load. If the input voltage comes up slowly
compared to the soft-start time, the regulators will try to
deliver full power to the load when the input voltage is still
well below its final value. If the adapter is current limited,
it cannot deliver full power at reduced output voltages and
the possibility exists for a quasi “latch” state where the
adapter output stays in a current limited state at reduced
output voltage. For instance, if maximum charger plus
computer load power is 25W, a 15V adapter might be
current limited at 2A. If adapter voltage is less than
(25W/2A = 12.5V) when full power is drawn, the adapter
voltage will be pulled down by the constant 25W load until
it reaches a lower stable state where the switching regu-
lators can no longer supply full load. This situation can be
prevented by utilizing
undervoltage lockout, set higher than
the minimum adapter voltage where full power can be
achieved.
A fixed undervoltage lockout of 7V is built into the LT1769.
This 7V threshold can be increased by adding a resistive
divider to the UV pin as shown in Figure 2. Internal lockout
is performed by clamping the VC pin low. The VC pin is
released from its clamped state when the UV pin rises
above 7V and is pulled low when the UV pin drops below
6.5V (0.5V hysteresis). At the same time UVOUT goes high
with an external pull-up resistor. This signal can be used
to alert the system that charging is about to start. The
charger will start delivering current about 4ms after VC is
released, as set by the 0.33
µF capacitor. A resistor divider
is used to set the desired VCC lockout voltage as shown in
Figure 2. A typical value for R6 is 5k and R5 is found from:
R5 =
R6(V
– V
)
V
UV
UV
IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com