Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1769IGN Datasheet(PDF) 14 Page - Linear Integrated Systems

Part # LT1769IGN
Description  Constant-Current/ Constant-Voltage 2A Battery Charger with Input Current Limiting
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1769IGN Datasheet(HTML) 14 Page - Linear Integrated Systems

Back Button LT1769IGN Datasheet HTML 8Page - Linear Integrated Systems LT1769IGN Datasheet HTML 9Page - Linear Integrated Systems LT1769IGN Datasheet HTML 10Page - Linear Integrated Systems LT1769IGN Datasheet HTML 11Page - Linear Integrated Systems LT1769IGN Datasheet HTML 12Page - Linear Integrated Systems LT1769IGN Datasheet HTML 13Page - Linear Integrated Systems LT1769IGN Datasheet HTML 14Page - Linear Integrated Systems LT1769IGN Datasheet HTML 15Page - Linear Integrated Systems LT1769IGN Datasheet HTML 16Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LT1769
1769fa
APPLICATIONS INFORMATION
Figure 11. Replacing the Input Diode
CHARGE CURRENT (A)
0
40
50
2
1769 F09
30
20
0.5
1
1.5
70
60
NOTE: PEAK DIE TEMPERATURE
WILL BE ABOUT 15
°C HIGHER AT
2A CHARGE CURRENT
VIN = 19V
VBAT = 12.3V
VBOOST = 5V
2-LAYER BOARD
ROOM TEMP = 24
°C
5 IN2 BOARD
25 IN2 BOARD
BOARD AREA (IN
2)
0
45
40
35
30
25
20
15
10
15
25
1769 F08
510
20
30
35
MEASURED FROM AIR AMBIENT
TO DIE USING COPPER LANDS
AS SHOWN ON DATA SHEET
2-LAYER BOARD
4-LAYER BOARD
Figure 8. LT1769 Thermal Resistance
Figure 10. High Duty Cycle
VIN
SW
BOOST
SPIN
SENSE
BAT
VCC
VX
3V TO 6V
CX
10
µF
VBAT
1769 F11
C2
0.47
µF
D2
D1
RX
50k
Q2
Q1
LT1769
HIGH DUTY CYCLE CONNECTION
Q1 = Si4435DY
Q2 = TP0610L
+
+
SW
BOOST
SPIN
SENSE
BAT
VBAT
C3
0.47
µF
D2
LT1769
SW
BOOST
SPIN
SENSE
BAT
VX
3V TO 6V
CX
10
µF
VBAT
1769 F10
C3
0.47
µF
D2
LT1769
STANDARD CONNECTION
HIGH DUTY CYCLE CONNECTION
+
+
an 18V
±3% adapter is used to charge ten NiMH cells, the
charger must put out approximaly 15V. A total of 1.6V is
lost in the input diode, switch resistance, inductor resis-
tance and parasitics, so the required duty cycle is
15/16.4 = 91.4%. The duty cycle can be extended to 93%
by restricting boost voltage to 5V instead of using VBAT as
is normally done. This lower boost voltage also reduces
power dissipation in the LT1769, so it is a win-win
decision. Connect an external source of 3V to 6V at VX
node in Figure 10 with a 10
µF CX bypass capacitor.
Lower Dropout Voltage
For even lower dropout and/or reducing heat on the board,
the input diode D3 can be replaced with a FET (see Figure
11). Connect a P-channel FET in place of the input diode
with its gate connected to the battery causing the FET to
turn off when the input voltage goes low. The problem is
that the gate must be pumped low so that the FET is fully
turned on even when the input is only a volt or two above
the battery voltage. Also there is a turn-off speed issue.
The FET should turn off instantly when the input is dead
shorted to avoid large current surges from the battery
back through the charger into the FET. Gate capacitance
slows turn-off, so a small P-channel (Q2) is added to
discharge the gate capacitance quickly in the event of an
input short. The Q2 body diode creates the necessary
pumping action to keep the gate of Q1 low during normal
operation. Note that Q1 and Q2 have a VGS spec limit of
20V. This restricts VIN to a maximum of 20V. For low
dropout operation with VIN > 20V consult factory.
Figure 9. LT1769 Lead Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com