Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1769IGN Datasheet(PDF) 4 Page - Linear Integrated Systems

Part # LT1769IGN
Description  Constant-Current/ Constant-Voltage 2A Battery Charger with Input Current Limiting
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1769IGN Datasheet(HTML) 4 Page - Linear Integrated Systems

  LT1769IGN Datasheet HTML 1Page - Linear Integrated Systems LT1769IGN Datasheet HTML 2Page - Linear Integrated Systems LT1769IGN Datasheet HTML 3Page - Linear Integrated Systems LT1769IGN Datasheet HTML 4Page - Linear Integrated Systems LT1769IGN Datasheet HTML 5Page - Linear Integrated Systems LT1769IGN Datasheet HTML 6Page - Linear Integrated Systems LT1769IGN Datasheet HTML 7Page - Linear Integrated Systems LT1769IGN Datasheet HTML 8Page - Linear Integrated Systems LT1769IGN Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1769
1769fa
ELECTRICAL CHARACTERISTICS
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency of Figure 1 Circuit
IBAT (A)
0.2
100
98
96
94
92
90
88
86
84
82
80
1.0
1.8
2.2
1769 G01
0.6
1.4
VIN = 16.5
VBAT = 8.4V
CHARGER EFFICIENCY
INCLUDES LOSS
IN DIODE D3
VCC (V)
0
7.0
6.5
6.0
5.5
5.0
4.5
5
10
15
20
1769 G03
25
30
TJ = 125°C
TJ = 25°C
TJ = 0°C
MAXIMUM DUTY CYCLE
ICC vs Duty Cycle
DUTY CYCLE (%)
0
1030
5070
80
1769 G02
20
40
60
8
7
6
5
4
3
2
1
0
TJ = 125°C
TJ = 0°C
TJ = 25°C
VCC = 16V
ICC vs VCC
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 16V, VBAT = 8V. No load on any outputs unless otherwise noted.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Tested with Test Circuit 1.
Note 3: Tested with Test Circuit 2.
Note 4: A linear interpolation can be used for reference voltage
specification between 0
°C and –40°C.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Voltage Amplifier VA
Transconductance (Note 3)
Output Current from 50
µA to 500µA
0.25
0.6
1.3
mho
Output Source Current
VOVP = VREF + 10mV, VPROG = VREF + 10mV
1.1
mA
OVP Input Bias Current
VA Output Current at 0.5mA
q
±3
±10
nA
VA Output Current at 0.5mA, TA > 90°C
q
–15
25
nA
VA Output Current at 0.5mA, TA < 0°C
±15
nA
Current Limit Amplifier CL1, 8V
≤ Input Common Mode
Turn-On Threshold
0.5mA Output Current
93
100
110
mV
Transconductance
Output Current from 50
µA to 500µA
0.5
1
2
mho
CLP Input Current
0.5mA Output Current, VUV ≥ 0.4V
0.3
1
µA
CLN Input Current
0.5mA Output Current VUV ≥ 0.4V
0.8
2
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com