Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1769IGN Datasheet(PDF) 2 Page - Linear Integrated Systems

Part # LT1769IGN
Description  Constant-Current/ Constant-Voltage 2A Battery Charger with Input Current Limiting
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1769IGN Datasheet(HTML) 2 Page - Linear Integrated Systems

  LT1769IGN Datasheet HTML 1Page - Linear Integrated Systems LT1769IGN Datasheet HTML 2Page - Linear Integrated Systems LT1769IGN Datasheet HTML 3Page - Linear Integrated Systems LT1769IGN Datasheet HTML 4Page - Linear Integrated Systems LT1769IGN Datasheet HTML 5Page - Linear Integrated Systems LT1769IGN Datasheet HTML 6Page - Linear Integrated Systems LT1769IGN Datasheet HTML 7Page - Linear Integrated Systems LT1769IGN Datasheet HTML 8Page - Linear Integrated Systems LT1769IGN Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1769
1769fa
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
ORDER PART
NUMBER
*ALL VCC PINS SHOULD
BE CONNECTED
TOGETHER CLOSE TO
THE PINS
** ALL GND PINS ARE
FUSED TO INTERNAL DIE
ATTACH PADDLE FOR
HEAT SINKING. CONNECT
THESE PINS TO
EXPANDED PC LANDS
FOR PROPER HEAT
SINKING. 35
°C/W
THERMAL RESISTANCE
ASSUMES AN INTERNAL
GROUND PLANE
DOUBLING AS A HEAT
SPREADER
LT1769CGN
LT1769IGN
TJMAX = 125°C, θJA = 35°C/ W**
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
GN PACKAGE
28-LEAD PLASTIC SSOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
GND**
GND**
GND**
SW
BOOST
UV
GND**
GND**
OVP
CLP
CLN
COMP1
SENSE
GND**
GND**
GND**
GND**
VCC1*
VCC2*
VCC3*
GND**
PROG
VC
UVOUT
COMP2
BAT
SPIN
GND**
Supply Voltage
(VCC, CLP and CLN Pin Voltage) ......................... 30V
BOOST Pin Voltage with Respect to VCC ................. 25V
IBAT (Average)........................................................... 2A
Operating Junction Temperature Range
Commercial ........................................... 0
°C to 125°C
Industrial ......................................... – 40
°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
(Note 1)
Operating Ambient Temperature
Commercial ............................................ 0
°C to 70°C
Industrial ........................................... – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ORDER PART
NUMBER
LT1769CFE
LT1769IFE
FE PACKAGE
20-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
9
10
TOP VIEW
20
19
18
17
16
15
14
13
12
11
SW
BOOST
UV
GND
GND
OVP
CLN
CLP
COMP1
SENSE
GND
VCC1
VCC2
VCC3
PROG
VC
GND
UVOUT
BAT
SPIN
TJMAX = 125°C, θJA = 35°C/ W†
†THE BOTTOM METAL
PLATE OF THIS PACKAGE
IS FUSED TO INTERNAL
GROUND AND IS FOR
HEAT SINKING. SOLDER
THE BOTTOM METAL
PLATE ONTO PCB
GROUND PLANE FOR
HEAT SINKING.
ELECTRICAL CHARACTERISTICS The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 16V, VBAT = 8V, RS2 = RS3 = 200Ω (see Block Diagram),
VCLN = VCC. No load on any outputs unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Overall
Supply Current
VPROG = 2.7V, VCC ≤ 20V
q
4.5
6.8
mA
VPROG = 2.7V, 20V < VCC ≤ 25V
q
4.6
7.0
mA
Sense Amplifier CA1 Gain and Input Offset Voltage
8V
≤ VCC ≤ 25V , 0V ≤ VBAT ≤ 20V
(With RS2 = 200Ω, RS3 = 200Ω)RPROG = 4.93k
q
93
100
107
mV
(Measured across RS1)(Note 2)
RPROG = 49.3k
q
810
12
mV
TA < 0°C7
13
mV
VCC = 28V, VBAT = 20V
RPROG = 4.93k
q
90
110
mV
RPROG = 49.3k
q
713
mV
TA < 0°C6
14
mV
EXPOSED PAD IS GROUND
(MUST BE SOLDERED TO PCB)
EXPOSED PAD SIZE:
3.0
(.188)
× 4.1
(.162)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com