Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1769IGN Datasheet(PDF) 16 Page - Linear Integrated Systems

Part # LT1769IGN
Description  Constant-Current/ Constant-Voltage 2A Battery Charger with Input Current Limiting
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1769IGN Datasheet(HTML) 16 Page - Linear Integrated Systems

Back Button LT1769IGN Datasheet HTML 8Page - Linear Integrated Systems LT1769IGN Datasheet HTML 9Page - Linear Integrated Systems LT1769IGN Datasheet HTML 10Page - Linear Integrated Systems LT1769IGN Datasheet HTML 11Page - Linear Integrated Systems LT1769IGN Datasheet HTML 12Page - Linear Integrated Systems LT1769IGN Datasheet HTML 13Page - Linear Integrated Systems LT1769IGN Datasheet HTML 14Page - Linear Integrated Systems LT1769IGN Datasheet HTML 15Page - Linear Integrated Systems LT1769IGN Datasheet HTML 16Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LT1769
1769fa
LT/TP 1101 1.5K REV A • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 1999
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
PART NUMBER
DESCRIPTION
COMMENTS
LT1372/LT1377
500kHz/1MHz Step-Up Switching Regulators
High Frequency, Small Inductor, High Efficiency Switchers, 1.5A Switch
LT1376
500kHz Step-Down Switching Regulator
High Frequency, Small Inductor, High Efficiency Switcher, 1.5A Switch
LT1505
High Current, High Efficiency Battery Charger
94% Efficiency, Synchronous Current Mode PWM
LT1510
Constant-Voltage/Constant-Current Battery Charger
Up to 1.5A Charge Current for Lithium-Ion, NiCd and NiMH Batteries
LT1511
Constant-Voltage/Constant-Current Battery Charger
Up to 3A Charge Current for Lithium-Ion, NiCd and NiMH Batteries
LT1512/LT1513
SEPIC Battery Chargers
VIN Can Be Higher or Lower Than Battery Voltage
LTC1729
Li-Ion Battery Charger Termination Controller
Preconditioning If Cell < 2.7V, 3hr Time-Out, C/10 Detection, Temp Sensor
Pin, Charger and Battery Detection
LTC1759
SMBus Smart Battery Charger
94% Efficiency with Input Current Limiting, Up to 8A ICHG
LTC1960
Dual Battery Charger and Selector with SPI Interface
ICHARGE Up to 6A, Fast Charge, Longer Battery Life, Crisis Management
RELATED PARTS
PACKAGE DESCRIPTION
GN Package
28-Lead Plastic SSOP (Narrow .150 Inch)
(Reference LTC DWG # 05-08-1641)
GN28 (SSOP) 1098
* DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
** DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
0.016 – 0.050
(0.406 – 1.270)
0.015
± 0.004
(0.38
± 0.10)
× 45°
0
° – 8° TYP
0.0075 – 0.0098
(0.191 – 0.249)
0.053 – 0.069
(1.351 – 1.748)
0.008 – 0.012
(0.203 – 0.305)
0.004 – 0.009
(0.102 – 0.249)
0.0250
(0.635)
BSC
0.386 – 0.393*
(9.804 – 9.982)
12
3
4
5
6
7
8
9 10 11 12
0.229 – 0.244
(5.817 – 6.198)
0.150 – 0.157**
(3.810 – 3.988)
20
21
22
23
24
25
26
27
28
19 18 17
13 14
1615
0.033
(0.838)
REF
FE Package
20-Lead Plastic TSSOP (4.4mm)
(Reference LTC DWG # 05-08-1663)
Exposed Pad Variation CB
FE20 (CB) TSSOP 0203
0.09 – 0.20
(.0036 – .0079)
0
° – 8°
RECOMMENDED SOLDER PAD LAYOUT
0.45 – 0.75
(.018 – .030)
4.30 – 4.50*
(.169 – .177)
1.20
(.047)
MAX
0.05 – 0.15
(.002 – .006)
0.65
(.0256)
BSC
0.195 – 0.30
(.0077 – .0118)
2.74
(.108)
0.45
±0.05
0.65 BSC
4.50
±0.10
6.60
±0.10
1.05
±0.10
3.86
(.152)
6.40
BSC
13
4
5
6 7 89 10
11
12
14 13
6.40 – 6.60*
(.252 – .260)
3.86
(.152)
2.74
(.108)
20 1918 17 16 15
2
MILLIMETERS
(INCHES)
*DIMENSIONS DO NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.150mm (.006") PER SIDE
NOTE:
1. CONTROLLING DIMENSION: MILLIMETERS
2. DIMENSIONS ARE IN
3. DRAWING NOT TO SCALE
SEE NOTE 4
4. RECOMMENDED MINIMUM PCB METAL SIZE
FOR EXPOSED PAD ATTACHMENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com