Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE032 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # AFE032
Description  Power-Line Communications Analog Front-End
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE032 Datasheet(HTML) 2 Page - Texas Instruments

  AFE032 Datasheet HTML 1Page - Texas Instruments AFE032 Datasheet HTML 2Page - Texas Instruments AFE032 Datasheet HTML 3Page - Texas Instruments AFE032 Datasheet HTML 4Page - Texas Instruments AFE032 Datasheet HTML 5Page - Texas Instruments AFE032 Datasheet HTML 6Page - Texas Instruments AFE032 Datasheet HTML 7Page - Texas Instruments AFE032 Datasheet HTML 8Page - Texas Instruments AFE032 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 77 page
background image
AFE032
SBOS669A – AUGUST 2013 – REVISED DECEMBER 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
VALUE
UNIT
PA_VS
Supply voltage (pins 44, 45)
+26
V
Pins 3, 4, 6, 7, 8, 10
DGND – 0.4 to DVDD + 0.4
V
Pins 13, 21, 28, 31, 32, 38, 39
AGND – 0.4 to AVDD + 0.4
V
Voltage(2)
Pins 18, 19
PA_GND – 0.4 to PA_VS + 0.4
V
Pin 27
AVDD + 0.4 to 26
V
Signal input terminals
Pins 3, 4, 6, 7, 8, 10
±10
mA
Pins 13, 21, 28, 31, 32, 38, 39
±10
mA
Current(2)
Pins 18, 19
±10
mA
Pin 35
±10
mA
Pins 5, 9, 47, 48
DGND – 0.4 to DVDD + 0.4
V
Voltage
Pins 14, 17, 20, 22, 33, 36, 37
AGND – 0.4 to AVDD + 0.4
V
Pins 42, 43
PA_GND – 0.4 to PA_VS + 0.4
V
Signal output terminals
Current; short-circuit to GND
Pins 5, 9, 47, 48
Continuous
Current; short-circuit to GND
Pins 14, 17, 20, 22, 33, 36, 37
Continuous
Current; short-circuit to GND
Pins 42, 43
Continuous
AVDD
Analog supply voltage (pins 11, 30)
5.5
V
DVDD
Digital supply voltage
5.5
V
TA
Operating temperature(3)
–40 to +150
°C
Tstg
Storage temperature
–55 to +150
°C
TJ
Junction temperature
+150
°C
Human body model (HBM)
3000
V
Electrostatic discharge
ESD
Machine model (MM)
200
V
ratings
Charged device model (CDM)
500
V
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and do not imply functional operation of the device at these or any other conditions beyond those indicated. Exposure to absolute-
maximum-rated conditions for extended periods may affect device reliability.
(2)
Input terminals are diode-clamped to the power-supply rails. Input signals that can swing more than 0.4 V beyond the supply rails should
be current limited to 10 mA or less.
(3)
The device automatically goes to shutdown above +165°C.
THERMAL INFORMATION
AFE032
THERMAL METRIC(1)
RGZ (QFN)
UNITS
48 PINS
θJA
Junction-to-ambient thermal resistance
22.5
θJCtop
Junction-to-case (top) thermal resistance
12.1
θJB
Junction-to-board thermal resistance
7.5
°C/W
ψJT
Junction-to-top characterization parameter
2.0
ψJB
Junction-to-board characterization parameter
5.4
θJCbot
Junction-to-case (bottom) thermal resistance
1.7
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: AFE032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com