Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE032 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # AFE032
Description  Power-Line Communications Analog Front-End
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE032 Datasheet(HTML) 17 Page - Texas Instruments

Back Button AFE032 Datasheet HTML 13Page - Texas Instruments AFE032 Datasheet HTML 14Page - Texas Instruments AFE032 Datasheet HTML 15Page - Texas Instruments AFE032 Datasheet HTML 16Page - Texas Instruments AFE032 Datasheet HTML 17Page - Texas Instruments AFE032 Datasheet HTML 18Page - Texas Instruments AFE032 Datasheet HTML 19Page - Texas Instruments AFE032 Datasheet HTML 20Page - Texas Instruments AFE032 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 77 page
background image
Inside the Device
Power Amplifier
TSENSE
PA_IN
PA_VS1,
PA_VS2,
PA_VS3
PA_ISET
PA_OUT1,
PA_OUT2
PA_GND1,
PA_GND2,
PA_GND3
17 k:
AFE032
www.ti.com
SBOS669A – AUGUST 2013 – REVISED DECEMBER 2013
APPLICATION INFORMATION
GENERAL DESCRIPTION
The AFE032 is an integrated, power-line communication, analog front-end device that functions in conjunction
with a microcontroller. The device conditions data generated in a microcontroller and transmits such data onto
power lines through a line-coupling circuit.
The device includes several primary functional blocks:
•
A power amplifier (PA) transmits data onto power lines through a line-coupling circuit.
•
The transmit path (Tx) consists of a high-precision, digital-to-analog converter (DAC), programmable amplifier
(TX_PGA), and low-pass filter (LPF).
•
The receive path (Rx) consists of two programmable amplifiers (RX_PGA1 and RX_PAG2) and a band-pass
filter [(an LPF and a high-pass filter (HPF)].
BLOCK DESCRIPTIONS
Power Amplifier Block
The power amplifier (PA) block consists of a high slew rate, high-voltage, and high-current operational amplifier.
The PA is configured with an inverting gain of 7 V/V, has a low-pass filter response, and maintains excellent
linearity and low distortion throughout its bandwidth. The PA is specified to operate from 7 V to 24 V and can
deliver up to ±1.9 A of continuous output current over the specified junction temperature range of –40°C to
+125°C. The PA block is shown in Figure 12.
Figure 12. PA Block Equivalent Circuit
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: AFE032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com