Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE032 Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # AFE032
Description  Power-Line Communications Analog Front-End
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE032 Datasheet(HTML) 64 Page - Texas Instruments

Back Button AFE032 Datasheet HTML 60Page - Texas Instruments AFE032 Datasheet HTML 61Page - Texas Instruments AFE032 Datasheet HTML 62Page - Texas Instruments AFE032 Datasheet HTML 63Page - Texas Instruments AFE032 Datasheet HTML 64Page - Texas Instruments AFE032 Datasheet HTML 65Page - Texas Instruments AFE032 Datasheet HTML 66Page - Texas Instruments AFE032 Datasheet HTML 67Page - Texas Instruments AFE032 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 77 page
background image
+
+
N1
N2
Phase
Neutral
Low-Voltage
Capacitor
High-Voltage
Capacitor
Power
Amplifier
MOV
TVS
PA
Power Supply
D2
D1
D3
Device
AFE032
SBOS669A – AUGUST 2013 – REVISED DECEMBER 2013
www.ti.com
CIRCUIT PROTECTION
Power-line communications are often located in operating environments that are harsh for electrical components
connected to the ac line. Noise or surges from electrical anomalies (such as lightning, capacitor bank switching,
inductive switching, or other grid fault conditions) can damage high-performance integrated circuits if proper
protection is not provided. The AFE032, however, can survive even the harshest conditions by using a variety of
techniques to protect the device.
Layout the protection circuitry in order to dissipate as much of the electrical disturbance as possible with a multi-
layer approach using metal-oxide varistors (MOVs), transient voltage suppression diodes (TVSs), Schottky
diodes, and a Zener diode. These components dissipate the electrical disturbance before the anomaly reaches
the device. Figure 28 shows the recommended strategy for transient overvoltage protection.
Figure 28. Transient Overvoltage Protection for AFE032
Note that the high-voltage coupling capacitor must be able to withstand pulses up to the clamping protection
provided by the MOV. A metalized polypropylene capacitor, such as the 474MKP275KA from Illinois Capacitor™,
is rated for 50 Hz to 60 Hz and 250 VAC to 310 VAC, and can withstand 24 impulses of 2.5 kV.
64
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: AFE032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com