Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE032 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # AFE032
Description  Power-Line Communications Analog Front-End
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE032 Datasheet(HTML) 32 Page - Texas Instruments

Back Button AFE032 Datasheet HTML 28Page - Texas Instruments AFE032 Datasheet HTML 29Page - Texas Instruments AFE032 Datasheet HTML 30Page - Texas Instruments AFE032 Datasheet HTML 31Page - Texas Instruments AFE032 Datasheet HTML 32Page - Texas Instruments AFE032 Datasheet HTML 33Page - Texas Instruments AFE032 Datasheet HTML 34Page - Texas Instruments AFE032 Datasheet HTML 35Page - Texas Instruments AFE032 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 77 page
background image
AFE032
SBOS669A – AUGUST 2013 – REVISED DECEMBER 2013
www.ti.com
Block 3 Is Bypassed, Block 4 Is Included
If an external DSP transmits DAC samples to the device at a rate close to but less than the DAC_CLK frequency
(that is, fS < DAC_CLK), then block 3 is bypassed and block 4 is included. Write a '0' to bits 1, 2, and 3 and write
a '1' to bit 4 of the REG_AFE032_CTRL register. In this case, the 32-bit parameter for block 4 must be calculated
and written. This mode of operation is recommended as long as the ratio between fS and DAC_CLK is greater
than 0.8 and less than 1 (that is, 0.8 DAC_CLK < fS < DAC_CLK). Table 11 shows examples of this scenario.
To calculate the 32-bit parameter for block 4:
•
Calculate the ratio between fS and DAC_CLK. Ratio = fS / DAC_CLK.
•
Multiply the ratio by 4,294,967,296. Product = (ratio)(4,294,967,296).
•
The parameter for block 4 is equal to the integer part of the product found. Parameter = integer part of
product.
The value of the 32-bit parameter for block 4 must be written in hexadecimal form to the REG_OFFSET0,
REG_OFFSET1, REG_OFFSET2, and REG_OFFSET3 registers. The order should be such that the most
significant byte of the parameter is stored in REG_OFFSET0 and the least significant byte is stored in
REG_OFFSET3.
Table 11. Example Cases of Block 3 Bypassed and Block 4 Included
BLOCK 4
fS
XCLK
XCLK
REG_CLK_
DAC_CLK
PARAMETER
(MSPS)
(MHz)
DIVIDER
DIV (Hex)
(MHz)
BLOCK 3
BLOCK 4
(Hex)
1.2
37.5
28
1D
1.339
Bypassed
Included
E5604189
0.8
37.5
45
48
0.833
Bypassed
Included
F5C28F5C
Block 3 and Block 4 Are Included
If an external DSP transmits DAC samples to the device at a rate close to but less than one-fourth the DAC_CLK
frequency [that is, fS < (DAC_CLK / 4)], then both block 3 and block 4 are included. Write a '0' to bits 1 and 2 and
write a '1' to bits 3 and 4 of the REG_AFE032_CTRL register. In this case, the 32-bit parameter for block 4 must
be calculated and written. This mode of operation is recommended as long as the ratio between fS and
DAC_CLK is greater than 0.2 and less than 0.25 (that is, 0.2 DAC_CLK < fS < 0.25 DAC_CLK). Table 12 shows
examples of this scenario.
To calculate the 32-bit parameter for block 4:
•
Calculate the ratio between fS and DAC_CLK. Ratio = fS / DAC_CLK.
•
Multiply the ratio by 17,179,869,184. Product = (ratio)(17,179,869,184).
•
The parameter for block 4 is equal to the integer part of the product found. Parameter = integer part of
product.
The value of the 32-bit parameter for block 4 must be written in hexadecimal form to the REG_OFFSET0,
REG_OFFSET1, REG_OFFSET2, and REG_OFFSET3 registers. The order should be such that the most
significant byte of the parameter is stored in REG_OFFSET0 and the least significant byte is stored in
REG_OFFSET3.
Table 12. Example Cases of Block 3 and Block 4 Included
BLOCK 4
fS
XCLK
XCLK
REG_CLK_
DAC_CLK
PARAMETER
(MSPS)
(MHz)
DIVIDER
DIV (Hex)
(MHz)
BLOCK 3
BLOCK 4
(Hex)
1
37.5
9
08
4.167
Included
Included
F5C28F5C
1
19.2
4
03
4.8
Included
Included
D5555555
0.4
22.5
14
0D
1.607
Included
Included
FEDCBA98
32
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: AFE032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com