Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE032 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # AFE032
Description  Power-Line Communications Analog Front-End
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE032 Datasheet(HTML) 30 Page - Texas Instruments

Back Button AFE032 Datasheet HTML 26Page - Texas Instruments AFE032 Datasheet HTML 27Page - Texas Instruments AFE032 Datasheet HTML 28Page - Texas Instruments AFE032 Datasheet HTML 29Page - Texas Instruments AFE032 Datasheet HTML 30Page - Texas Instruments AFE032 Datasheet HTML 31Page - Texas Instruments AFE032 Datasheet HTML 32Page - Texas Instruments AFE032 Datasheet HTML 33Page - Texas Instruments AFE032 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 77 page
background image
0
0.2
0.4
0.6
0.8
1
1.2
100
200
300
400
500
600
Frequency (kHz)
Block 2
Block 1
C010
FCC Filter
FS = 1200 kHz
0
0.2
0.4
0.6
0.8
1
1.2
100
200
300
400
500
600
Frequency (kHz)
Block 2
Block 1
C011
ARIB Filter
FS = 1200 kHz
0
0.2
0.4
0.6
0.8
1
1.2
30
60
90
120
150
180
210
Frequency (kHz)
C012
CELENEC A Filter
FS = 400 kHz
Block 2
AFE032
SBOS669A – AUGUST 2013 – REVISED DECEMBER 2013
www.ti.com
Figure 23 shows the transfer function of block 2 when the recommended coefficients for the CENELEC A band
are used.
Figure 23. Transfer Function of Block 2 - CENELEC A Band Coefficients According to Table 8
Figure 24 shows the transfer function of blocks 1 and 2 when the recommended coefficients for the ARIB band
are used.
Figure 24. Transfer Function of Blocks 1 and 2 - ARIB Band Coefficients According to Table 7 and
Table 8
Figure 25 shows the transfer function of blocks 1 and 2 when the recommended coefficients for the FCC band
are used.
Figure 25. Transfer Function of Blocks 1 and 2 - FCC Band Coefficients According to Table 7 and Table 8
SPI Clock To DAC Clock Synchronization
The device receives DAC samples from the external DSP over the SPI (which operates using SCLK) and writes
these samples to the ASYNCH FIFO for internal synchronization (the ASYNCH FIFO and the rest of the DSP
path operate using the internally-generated DAC_CLK signal). The FIFO read controller pulls the samples out of
the ASYNCH FIFO at the rate determined by the DAC_CLK frequency (not the rate determined by fS).
30
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: AFE032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com