Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE032 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # AFE032
Description  Power-Line Communications Analog Front-End
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE032 Datasheet(HTML) 13 Page - Texas Instruments

Back Button AFE032 Datasheet HTML 9Page - Texas Instruments AFE032 Datasheet HTML 10Page - Texas Instruments AFE032 Datasheet HTML 11Page - Texas Instruments AFE032 Datasheet HTML 12Page - Texas Instruments AFE032 Datasheet HTML 13Page - Texas Instruments AFE032 Datasheet HTML 14Page - Texas Instruments AFE032 Datasheet HTML 15Page - Texas Instruments AFE032 Datasheet HTML 16Page - Texas Instruments AFE032 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 77 page
background image
AFE032
www.ti.com
SBOS669A – AUGUST 2013 – REVISED DECEMBER 2013
PIN DESCRIPTIONS
NAME
PIN NO.
DESCRIPTION
AGND1
12
Analog ground
AGND2
29
Analog ground
AVDD1
11
Analog supply
AVDD2
30
Analog supply
CS
6
SPI digital chip-select input
DAC
7
DAC mode select digital input
DAC_OUT
14
DAC analog output
DAC_NRF
16
DAC noise-reducing filter analog input
DGND
1
Digital ground
DGND2
24
Digital ground
DIN
4
SPI digital input
DNC
15, 34
Do not connect
DOUT
5
SPI digital output (push or pull)
DVDD
2
Digital supply
INT
9
Interrupt on undervoltage, undercurrent, or thermal overload (digital output, open-drain, active low)
NC
23, 25
No internal connection (connect to GND or leave unconnected)
PA_GND1
41
Power amplifier ground
PA_GND2
40
Power amplifier ground (connect to PA_GND1, pin 41)
PA_GND3
31
Power amplifier ground (connect to PA_GND1, pin 41)
PA_IN
18
Power amplifier analog input
PA_ISET
26
Power amplifier current-limit adjust pin (left open if not used)
PA_NRF
19
Power amplifier noise-reducing filter analog input
PA_OUT1
43
Power amplifier output
PA_OUT2
42
Power amplifier output (connect to PA_OUT1, pin 43)
PA_VS1
45
Power amplifier supply
PA_VS2
44
Power amplifier supply (connect to PA_VS1, pin 45)
PA_VS3
46
Power amplifier supply (connect to PA_VS1, pin 45)
RX_F_OUT
22
Receiver filter analog output
RX_FLAG
48
Receiver ready flag (digital output, open-drain, active low)
RX_PGA1_IN
27
Receiver PGA1 analog input
RX_PGA2_IN
21
Receiver PGA2 analog input
RX_PGA2_OUT
20
Receiver PGA2 analog output
SCLK
3
SPI serial clock input
SD
8
System shutdown digital input (active high)
TSENSE
35
Analog temperature sensing diode (anode)
TX_F_OUT
17
Transmit filter analog output
TX_FLAG
47
Transmitter ready flag (digital output, open-drain, active low)
TX_PGA_IN
13
Transmitter PGA analog input
TX_RX_NRF
28
Transmitter and receiver noise-reducing filter analog input
XCLK
10
DAC clock digital input
ZC_IN1
39
Zero-crossing detector 1, analog input
ZC_IN2
38
Zero-crossing detector 2, analog input
ZC_IN3
32
Zero-crossing detector 3, analog input
ZC_OUT1
37
Zero-crossing detector 1, digital output (push or pull)
ZC_OUT2
36
Zero-crossing detector 2, digital output (push or pull)
ZC_OUT3
33
Zero-crossing detector 3, digital output (push or pull)
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: AFE032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com