Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE032 Datasheet(PDF) 62 Page - Texas Instruments

Click here to check the latest version.
Part # AFE032
Description  Power-Line Communications Analog Front-End
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE032 Datasheet(HTML) 62 Page - Texas Instruments

Back Button AFE032 Datasheet HTML 58Page - Texas Instruments AFE032 Datasheet HTML 59Page - Texas Instruments AFE032 Datasheet HTML 60Page - Texas Instruments AFE032 Datasheet HTML 61Page - Texas Instruments AFE032 Datasheet HTML 62Page - Texas Instruments AFE032 Datasheet HTML 63Page - Texas Instruments AFE032 Datasheet HTML 64Page - Texas Instruments AFE032 Datasheet HTML 65Page - Texas Instruments AFE032 Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 77 page
background image
AFE032
SBOS669A – AUGUST 2013 – REVISED DECEMBER 2013
www.ti.com
Current Overload
The maximum output current allowed from the power amplifier (PA) can be programmed with the external RSET
resistor connected between PA_ISET (pin 26) and ground. The PA goes to current limit state if a fault condition
occurs, causing the PA to source or sink more current than its programmed limit value. IFLAG_INT (bit 7 in the
REG_AFE_STATUS register) is set to '1' if the PA goes to current limit state for more than 16,384 DAC_CLK
cycles.
Setting the IFLAG mask bit of the REG_FLAG_CTL register prevents a fault condition from commanding the
active-low, open-drain interrupt pin (INT). Note that the PA still goes to a current limit state to protect the device
and the IFLAG_INT bit is still set to '1'.
CAUTION
ENPAICLN and ENPAICLP (bits 1 and 0 of the REG_PA_CURRENT_CFG register,
respectively) allow the current limit protection circuitry to be enabled or disabled. By
default, the current limit protection circuitry is enabled and protects the device from
damage during current overload events only if the ENPAICLN and ENPAICLP bits
remain in their default states. Disabling these bits can potentially damage the device in
an current overload event.
Thermal Overload
The device contains internal PA thermal shutdown protection circuitry that automatically disables the PA output
stage if the junction temperature exceeds +165°C.
Note that the thermal shutdown protection circuitry only operates if a fault condition causes thermal overload
(that is, forces the junction temperature to exceed +165°C) and the Disable TLIM bit (bit 0 in the
REG_DAC/HPF/LPF/PA_CTL register) remains in the default state of '0'. The device thermal shutdown
protection circuitry allows the PA to resume normal operation only when the junction temperature falls below
+150°C. The TFLAG_INT bit remains set to '1' even after the device returns to normal operation. The
TFLAG_INT bit can be reset to '0' by performing a read operation on the REG_AFE_STATUS register.
Setting the TFLAG mask bit of the REG_FLAG_CTL register prevents a thermal overload event from
commanding the active-low, open-drain interrupt pin (INT). Note that the internal PA thermal shutdown protection
circuitry still disables the PA output stage automatically (provided that a thermal overload condition occurs and
the Disable TLIM bit is in set to '0') and the TFLAG_INT bit is still set to '1'.
62
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: AFE032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com