Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29GL01GS Datasheet(PDF) 32 Page - SPANSION

Part # S29GL01GS
Description  GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GS Datasheet(HTML) 32 Page - SPANSION

Back Button S29GL01GS Datasheet HTML 28Page - SPANSION S29GL01GS Datasheet HTML 29Page - SPANSION S29GL01GS Datasheet HTML 30Page - SPANSION S29GL01GS Datasheet HTML 31Page - SPANSION S29GL01GS Datasheet HTML 32Page - SPANSION S29GL01GS Datasheet HTML 33Page - SPANSION S29GL01GS Datasheet HTML 34Page - SPANSION S29GL01GS Datasheet HTML 35Page - SPANSION S29GL01GS Datasheet HTML 36Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 106 page
background image
32
GL-S MirrorBit® Family
S29GL_128S_01GS_00_08 October 9, 2013
Da ta
Sh e e t
Program operations can be interrupted as often as necessary but in order for a program operation to progress
to completion there must be some periods of time between resume and the next suspend command greater
than or equal to tPRS in Embedded Algorithm Controller (EAC) on page 25.
Program suspend and resume is not supported while entered in an ASO. While in program suspend entry into
ASO is not supported.
5.3.3
Blank Check
The Blank Check command will confirm if the selected main flash array sector is erased. The Blank Check
command does not allow for reads to the array during the Blank Check. Reads to the array while this
command is executing will return unknown data.
To initiate a Blank Check on a Sector, write 33h to address 555h in the Sector, while the EAC is in the
standby state
The Blank Check command may not be written while the device is actively programming or erasing or
suspended.
Use the Status Register read to confirm if the device is still busy and when complete if the sector is blank or
not. Bit 7 of the Status Register will show if the device is performing a Blank Check (similar to an erase
operation). Bit 5 of the Status Register will be cleared to 0 if the sector is erased and set to 1 if not erased.
As soon as any bit is found to not be erased, the device will halt the operation and report the results.
Once the Blank Check is completed, the EAC will return to the Standby State.
5.3.4
Erase Methods
5.3.4.1
Chip Erase
The chip erase function erases the entire main Flash Memory Array. The device does not require the system
to preprogram prior to erase. The Embedded Erase algorithm automatically programs and verifies the entire
memory for an all 0 data pattern prior to electrical erase. After a successful chip erase, all locations within the
device contain FFFFh. The system is not required to provide any controls or timings during these operations.
The chip erase command sequence is initiated by writing two unlock cycles, followed by a set up command.
Two additional unlock write cycles are then followed by the chip erase command, which in turn invokes the
Embedded Erase algorithm. When WE# goes high, at the end of the 6th cycle, the RY/BY# goes low.
When the Embedded Erase algorithm is complete, the EAC returns to the standby state. Note that while the
Embedded Erase operation is in progress, the system can not read data from the device. The system can
determine the status of the erase operation by reading RY/BY#, the Status Register or using Data Polling.
Refer to Status Register on page 37 for information on these status bits. Refer to Data Polling Status
on page 38 for more information.
Once the chip erase operation has begun, only a Status Read, Hardware RESET or Power cycle are valid. All
other commands are ignored. However, a Hardware Reset or Power Cycle immediately terminates the erase
operation and returns to read mode after tRPH time. If a chip erase operation is terminated, the chip erase
command sequence must be reinitiated once the device has returned to the idle state to ensure data integrity.
See Table 5.4 on page 46, Asynchronous Write Operations on page 83 and Alternate CE# Controlled Write
Operations on page 89 for parameters and timing diagrams.
Sectors protected by the ASP DYB and PPB lock bits will not be erased. See ASP on page 19. If a sector is
protected during chip erase, chip erase will skip the protected sector and continue with next sector erase. The
status register erase status bit and sector lock bit are not set to 1 by a failed erase on a protected sector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com