Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29GL01GS Datasheet(PDF) 33 Page - SPANSION

Part # S29GL01GS
Description  GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GS Datasheet(HTML) 33 Page - SPANSION

Back Button S29GL01GS Datasheet HTML 29Page - SPANSION S29GL01GS Datasheet HTML 30Page - SPANSION S29GL01GS Datasheet HTML 31Page - SPANSION S29GL01GS Datasheet HTML 32Page - SPANSION S29GL01GS Datasheet HTML 33Page - SPANSION S29GL01GS Datasheet HTML 34Page - SPANSION S29GL01GS Datasheet HTML 35Page - SPANSION S29GL01GS Datasheet HTML 36Page - SPANSION S29GL01GS Datasheet HTML 37Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 106 page
background image
October 9, 2013 S29GL_128S_01GS_00_08
GL-S MirrorBit® Family
33
Data
She e t
5.3.4.2
Sector Erase
The sector erase function erases one sector in the memory array. The device does not require the system to
preprogram prior to erase. The Embedded Erase algorithm automatically programs and verifies the entire
sector for an all 0 data pattern prior to electrical erase. After a successful sector erase, all locations within the
erased sector contain FFFFh. The system is not required to provide any controls or timings during these
operations. The sector erase command sequence is initiated by writing two unlock cycles, followed by a set
up command. Two additional unlock write cycles are then followed by the address of the sector to be erased,
and the sector erase command. When WE# goes high, at the end of the 6th cycle, the RY/BY# goes low.
The system can determine the status of the erase operation by reading the Status Register or using Data
Polling. Refer to Status Register on page 37 for information on these status bits. Refer to Data Polling Status
on page 38 for more information.
Once the sector erase operation has begun, the Status Register Read and Erase Suspend commands are
valid. All other commands are ignored. However, note that a hardware reset immediately terminates the
erase operation and returns to read mode after tRPH time. If a sector erase operation is terminated, the sector
erase command sequence must be reinitiated once the device has reset operation to ensure data integrity.
See Embedded Algorithm Controller (EAC) on page 25 for parameters and timing diagrams.
Sectors protected by the ASP DYB and PPB lock bits will not be erased. See ASP on page 19.
Figure 5.4 Sector Erase Operation
Write Unlock Cycles:
Address 555h, Data AAh
Address 2AAh, Data 55h
Write Sector Erase Cycles:
Address 555h, Data 80h
Address 555h, Data AAh
Address 2AAh, Data 55h
Sector Address, Data 30h
FAIL. Write reset command
to return to reading array.
PASS. Device returns
to reading array.
Perform Write Operation
Status Algorithm
Unlock Cycle 1
Unlock Cycle 2
Yes
Yes
No
No
Done?
Erase Error?
Command Cycle 1
Command Cycle 2
Command Cycle 3
Specify first sector for erasure
Error condition (Exceeded Timing Limits)
Status may be obtained by Status Register Polling
or Data Polling methods.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com