Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29GL01GS Datasheet(PDF) 65 Page - SPANSION

Part # S29GL01GS
Description  GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GS Datasheet(HTML) 65 Page - SPANSION

Back Button S29GL01GS Datasheet HTML 61Page - SPANSION S29GL01GS Datasheet HTML 62Page - SPANSION S29GL01GS Datasheet HTML 63Page - SPANSION S29GL01GS Datasheet HTML 64Page - SPANSION S29GL01GS Datasheet HTML 65Page - SPANSION S29GL01GS Datasheet HTML 66Page - SPANSION S29GL01GS Datasheet HTML 67Page - SPANSION S29GL01GS Datasheet HTML 68Page - SPANSION S29GL01GS Datasheet HTML 69Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 106 page
background image
October 9, 2013 S29GL_128S_01GS_00_08
GL-S MirrorBit® Family
65
Data
She e t
Hardware Interface
7.
Signal Descriptions
7.1
Address and Data Configuration
Address and data are connected in parallel (ADP) via separate signal inputs and I/Os.
7.2
Input/Output Summary
7.3
Versatile I/O Feature
The maximum output voltage level driven by, and input levels acceptable to, the device are determined by the
VIO power supply. This supply allows the device to drive and receive signals to and from other devices on the
same bus having interface signal levels different from the device core voltage.
Table 7.1 I/O Summary
Symbol
Type
Description
RESET#
Input
Hardware Reset. At VIL, causes the device to reset control logic to its standby state, ready
for reading array data.
CE#
Input
Chip Enable. At VIL, selects the device for data transfer with the host memory controller.
OE#
Input
Output Enable. At VIL, causes outputs to be actively driven. At VIH, causes outputs to be
high impedance (High-Z).
WE#
Input
Write Enable. At VIL, indicates data transfer from host to device. At VIH, indicates data
transfer is from device to host.
AMAX-A0
Input
Address inputs.
A25-A0 for S29GL01GS
A24-A0 for S29GL512S
A23-A0 for S29GL256S
A22-A0 for S29GL128S
DQ15-DQ0
Input/Output
Data inputs and outputs
WP#
Input
Write Protect. At VIL, disables program and erase functions in the lowest or highest address
64-kword (128-kB) sector of the device. At VIH, the sector is not protected. WP# has an
internal pull up; When unconnected WP# is at VIH.
RY/BY#
Output - open drain
Ready/Busy. Indicates whether an Embedded Algorithm is in progress or complete. At VIL,
the device is actively engaged in an Embedded Algorithm such as erasing or programming.
At High-Z, the device is ready for read or a new command write - requires external pull-up
resistor to detect the High-Z state. Multiple devices may have their RY/BY# outputs tied
together to detect when all devices are ready.
VCC
Power Supply
Core power supply
VIO
Power Supply
Versatile IO power supply.
VSS
Power Supply
Power supplies ground
NC
No Connect
Not Connected internally. The pin/ball location may be used in Printed Circuit Board (PCB)
as part of a routing channel.
RFU
No Connect
Reserved for Future Use. Not currently connected internally but the pin/ball location should
be left unconnected and unused by PCB routing channel for future compatibility. The pin/ball
may be used by a signal in the future.
DNU
Reserved
Do Not Use. Reserved for use by Spansion. The pin/ball is connected internally. The input
has an internal pull down resistance to VSS. The pin/ball can be left open or tied to VSS on
the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com