Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29GL01GS Datasheet(PDF) 16 Page - SPANSION

Part # S29GL01GS
Description  GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GS Datasheet(HTML) 16 Page - SPANSION

Back Button S29GL01GS Datasheet HTML 12Page - SPANSION S29GL01GS Datasheet HTML 13Page - SPANSION S29GL01GS Datasheet HTML 14Page - SPANSION S29GL01GS Datasheet HTML 15Page - SPANSION S29GL01GS Datasheet HTML 16Page - SPANSION S29GL01GS Datasheet HTML 17Page - SPANSION S29GL01GS Datasheet HTML 18Page - SPANSION S29GL01GS Datasheet HTML 19Page - SPANSION S29GL01GS Datasheet HTML 20Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 106 page
background image
16
GL-S MirrorBit® Family
S29GL_128S_01GS_00_08 October 9, 2013
Da ta
Sh e e t
2.4
Data Polling Status ASO
The Data Polling Status ASO contains a single word of volatile memory indicating the progress of an EA. The
Data Polling Status ASO is entered immediately following the last write cycle of any command sequence that
initiates an EA. Commands that initiate an EA are:
 Word Program
 Program Buffer to Flash
 Chip Erase
 Sector Erase
 Erase Resume / Program Resume
 Program Resume Enhanced Method
 Blank Check
 Lock Register Program
 Password Program
 PPB Program
 All PPB Erase
The Data Polling Status word appears at all word locations in the device address space. When an EA is
completed the Data Polling Status ASO is exited and the device address space returns to the address map
mode where the EA was started.
2.5
Secure Silicon Region ASO
The Secure Silicon Region (SSR) provides an extra flash memory area that can be programmed once and
permanently protected from further changes i. e. it is a One Time Program (OTP) area. The SSR is
1024 bytes in length. It consists of 512 bytes for Factory Locked Secure Silicon Region and 512 bytes for
Customer Locked Secure Silicon Region.
The sector address supplied during the Secure Silicon Entry command selects the Flash Memory Array
sector that is overlaid by the Secure Silicon Region address map. The SSR is overlaid starting at location 0 in
the selected sector. Use of the sector 0 address is recommended for future compatibility. While the SSR ASO
is entered the content of all other sectors is undefined. Locations above the maximum defined address of the
SSR ASO to the maximum address of the selected sector have undefined data.
Table 2.6 Secure Silicon Region
Word Address Range
Content
Size
(SA) + 0000h to 00FFh
Factory Locked Secure Silicon Region
512 bytes
(SA) + 0100h to 01FFh
Customer Locked Secure Silicon Region
512 bytes
(SA) + 0200h to FFFFh
Undefined
127 kbytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com