Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29GL01GS Datasheet(PDF) 42 Page - SPANSION

Part # S29GL01GS
Description  GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GS Datasheet(HTML) 42 Page - SPANSION

Back Button S29GL01GS Datasheet HTML 38Page - SPANSION S29GL01GS Datasheet HTML 39Page - SPANSION S29GL01GS Datasheet HTML 40Page - SPANSION S29GL01GS Datasheet HTML 41Page - SPANSION S29GL01GS Datasheet HTML 42Page - SPANSION S29GL01GS Datasheet HTML 43Page - SPANSION S29GL01GS Datasheet HTML 44Page - SPANSION S29GL01GS Datasheet HTML 45Page - SPANSION S29GL01GS Datasheet HTML 46Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 106 page
background image
42
GL-S MirrorBit® Family
S29GL_128S_01GS_00_08 October 9, 2013
Da ta
Sh e e t
5.4.2.7
DQ1: Write-to-Buffer Abort
DQ1 indicates whether a Write-to-Buffer operation was aborted. Under these conditions DQ1 produces a 1.
The system must issue the Write-to-Buffer-Abort-Reset command sequence to return the EAC to standby
(Read Mode) and the Status Register failed bits are cleared. See Write Buffer Programming on page 28 for
more details.
Notes:
1. DQ5 switches to '1' when an Embedded Program or Embedded Erase operation has exceeded the maximum timing limits. See DQ5:
Exceeded Timing Limits on page 41 for more information.
2. DQ7 and DQ2 require a valid address when reading status information. Refer to the appropriate subsection for further details.
3. Data are invalid for addresses in a Program Suspended Line. All addresses other than the program suspended line can be read for valid
data.
4. DQ1 indicates the Write-to-Buffer ABORT status during Write-Buffer-Programming operations.
5. Applies only to program operations.
5.5
Error Types and Clearing Procedures
There are three types of errors reported by the embedded operation status methods. Depending on the error
type, the status reported and procedure for clearing the error status is different. Following is the clearing of
error status:
If an ASO was entered before the error the device remains entered in the ASO awaiting ASO read or
a command write.
If an erase was suspended before the error the device returns to the erase suspended state awaiting
flash array read or a command write.
Otherwise, the device will be in standby state awaiting flash array read or a command write.
Table 5.3 Data Polling Status
Operation
DQ7
(Note 2)
DQ6
DQ5
(Note 1)
DQ3
DQ2
(Note 2)
DQ1
(Note 4)
RY/BY#
Standard
Mode
Embedded Program Algorithm
DQ7#
Toggle
0
N/A
No
Toggle
00
Reading within Erasing Sector
0
Toggle
0
1
Toggle
N/A
0
Reading Outside erasing Sector
0
Toggle
0
1
No
Toggle
N/A
0
Program
Suspend
Mode
(Note 3)
Reading within Program Suspended Sector
INVALID
(Not
Allowed)
INVALID
(Not
Allowed)
INVALID
(Not
Allowed)
INVALID
(Not
Allowed)
INVALID
(Not
Allowed)
INVALID
(Not
Allowed)
1
Reading within Non-Program Suspended
Sector
Data
Data
Data
Data
Data
Data
1
Erase
Suspend
Mode
Reading within Erase Suspended Sector
1
No
Toggle
0
N/A
Toggle
N/A
1
Reading within Non-Erase Suspend Sector
Data
Data
Data
Data
Data
Data
1
Programming within Non-Erase Suspended
Sector
DQ7#
Toggle
0
N/A
N/A
N/A
0
Write-to-
Buffer
(Notes 4, 5)
BUSY State
DQ7#
Toggle
0
N/A
No
Toggle
00
Exceeded Timing Limits
DQ7#
Toggle
1
N/A
N/A
0
0
ABORT State
DQ7#
Toggle
0
N/A
N/A
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com