Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29GL01GS Datasheet(PDF) 48 Page - SPANSION

Part # S29GL01GS
Description  GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GS Datasheet(HTML) 48 Page - SPANSION

Back Button S29GL01GS Datasheet HTML 44Page - SPANSION S29GL01GS Datasheet HTML 45Page - SPANSION S29GL01GS Datasheet HTML 46Page - SPANSION S29GL01GS Datasheet HTML 47Page - SPANSION S29GL01GS Datasheet HTML 48Page - SPANSION S29GL01GS Datasheet HTML 49Page - SPANSION S29GL01GS Datasheet HTML 50Page - SPANSION S29GL01GS Datasheet HTML 51Page - SPANSION S29GL01GS Datasheet HTML 52Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 106 page
background image
48
GL-S MirrorBit® Family
S29GL_128S_01GS_00_08 October 9, 2013
Da ta
Sh e e t
5.6.1
Command State Transitions
Notes:
1. State will automatically move to READ state at the completion of the operation.
2. Also known as Erase Suspend/Program Suspend Legacy Method.
Table 5.6 Read Command State Transition
Current State
Command
and Condition
Read
Software
Reset / ASO
Exit
Status
Register Read
Enter
Status
Register Clear
Unlock 1
Blank Check
CFI Entry
Address
RA
xh
x555h
x555h
x555h
(SA)555h
(SA)55h
Data
RD
xF0h
x70h
x71h
xAAh
x33h
x98h
READ
-
READ
READ
READSR
(READ)
READ
READUL1
-
CFI
Read Protect =
False
BLCK
READSR
-
(return)
-
---
--
Table 5.7 Read Unlock Command State Transition
Current
State
Command
and
Condition
Read
Status
Register
Read
Enter
Unlock
2
Word
Program
Entry
Write to
Buffer
Enter
Erase
Enter
ID (Auto-
select)
Entry
SSR
Entry
Lock
Register
Entry
Pass-
word
ASO
Entry
PPB
Entry
PPB
Lock
Entry
DYB
ASO
Entry
Address
RA
x555h
x2AAh
x555h
(SA)xh
x555h
(SA)555h (SA)555h
x555h
x555h
x555h
x555h
x555h
Data
RD
x70h
x55h
xA0h
x25h
x80h
x90h
x88h
x40h
x60h
xC0h
x50h
xE0h
READUL1
-
READU
L1
READSR
(READ)
READU
L2
--
-
-
-
-
-
-
-
-
READUL2
Read
Protect =
True
READU
L2
READSR
(READ)
-
--
-
CFI
--
PP
-
--
Read
Protect =
False
PG1
WB
ER
SSR
LR
PPBLB
DYB
Read
Protect =
False and
LR(8) = 0
PPB
Table 5.8 Erase State Command Transition
Current
State
Command
and
Condition
Read
Software
Reset / ASO
Exit
Status
Register
Read Enter
Status
Register
Clear
Unlock 1
Unlock 2
Chip Erase
Start
Sector
Erase Start
Erase
Suspend
Enhanced
Method (2)
Address
RA
xh
x555h
x555h
x555h
x2AAh
x555h
(SA)xh
xh
Data
RD
xF0h
x70h
x71h
xAAh
x55h
x10h
x30h
xB0h
ER
-
ER
-
READSR
(READ)
-
ERUL1
--
--
ERUL1
-
ERUL1
-
READSR
(READ)
--
ERUL2
--
-
ERUL2
-
ERUL2
-
READSR
(READ)
-
-
-
CER
SER
-
CER (1)
-CER
-
ERSR
(CER)
-
---
--
SER (1)
SR(7) = 0
SER
-
ERSR
(SER)
-
---
-
ESR (ES)
SR(7) = 1
READ
READ
BLCK (1)
SR(7) = 0
BLCK
-
ERSR
(BLCK)
-
---
--
SR(7) = 1
READ
READ
ERSR
-
(return)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com