Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29GL01GS Datasheet(PDF) 25 Page - SPANSION

Part # S29GL01GS
Description  GL-S MirrorBit짰 Eclipse??Flash Non-Volatile Memory Family
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL01GS Datasheet(HTML) 25 Page - SPANSION

Back Button S29GL01GS Datasheet HTML 21Page - SPANSION S29GL01GS Datasheet HTML 22Page - SPANSION S29GL01GS Datasheet HTML 23Page - SPANSION S29GL01GS Datasheet HTML 24Page - SPANSION S29GL01GS Datasheet HTML 25Page - SPANSION S29GL01GS Datasheet HTML 26Page - SPANSION S29GL01GS Datasheet HTML 27Page - SPANSION S29GL01GS Datasheet HTML 28Page - SPANSION S29GL01GS Datasheet HTML 29Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 106 page
background image
October 9, 2013 S29GL_128S_01GS_00_08
GL-S MirrorBit® Family
25
Data
She e t
5.
Embedded Operations
5.1
Embedded Algorithm Controller (EAC)
The EAC takes commands from the host system for programming and erasing the flash memory array and
performs all the complex operations needed to change the non-volatile memory state. This frees the host
system from any need to manage the program and erase processes.
There are four EAC operation categories:
 Standby (Read Mode)
 Address Space Switching
 Embedded Algorithms (EA)
 Advanced Sector Protection (ASP) Management
5.1.1
EAC Standby
In the standby mode current consumption is greatly reduced. The EAC enters its standby mode when no
command is being processed and no Embedded Algorithm is in progress. If the device is deselected
(CE# = High) during an Embedded Algorithm, the device still draws active current until the operation is
completed (ICC3). ICC4 in DC Characteristics on page 74 represents the standby current specification when
both the Host Interface and EAC are in their Standby state.
5.1.2
Address Space Switching
Writing specific address and data sequences (command sequences) switch the memory device address
space from the main flash array to one of the Address Space Overlays (ASO).
Embedded Algorithms operate on the information visible in the currently active (entered) ASO. The system
continues to have access to the ASO until the system issues an ASO Exit command, performs a Hardware
RESET, or until power is removed from the device. An ASO Exit Command switches from an ASO back to the
main flash array address space. The commands accepted when a particular ASO is entered are listed
between the ASO enter and exit commands in the command definitions table. See Command Summary
on page 57 for address and data requirements for all command sequences.
5.1.3
Embedded Algorithms (EA)
Changing the non-volatile data in the memory array requires a complex sequence of operations that are
called Embedded Algorithms (EA). The algorithms are managed entirely by the device internal Embedded
Algorithm Controller (EAC). The main algorithms perform programming and erasing of the main array data
and the ASO’s. The host system writes command codes to the flash device address space. The EAC
receives the commands, performs all the necessary steps to complete the command, and provides status
information during the progress of an EA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com