Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBB2J30-R Datasheet(PDF) 8 Page - STMicroelectronics

Part # STBB2J30-R
Description  800 mA 2.5 MHz, high efficiency dual mode buck-boost DC-DC converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBB2J30-R Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STBB2J30-R Datasheet HTML 4Page - STMicroelectronics STBB2J30-R Datasheet HTML 5Page - STMicroelectronics STBB2J30-R Datasheet HTML 6Page - STMicroelectronics STBB2J30-R Datasheet HTML 7Page - STMicroelectronics STBB2J30-R Datasheet HTML 8Page - STMicroelectronics STBB2J30-R Datasheet HTML 9Page - STMicroelectronics STBB2J30-R Datasheet HTML 10Page - STMicroelectronics STBB2J30-R Datasheet HTML 11Page - STMicroelectronics STBB2J30-R Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Electrical characteristics
STBB2
8/25
DocID022745 Rev 9
5
Electrical characteristics
- 40 °C < TA < 85 °C, VIN = 3.6 V; VOUT = 3.4 V, VEN = VIN, VBP = 0 V; typical values are at
TA = 25 °C, unless otherwise specified.
Table 6. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
General section
VIN
Operating power input voltage
range
2.4
5.5
V
Iq
Shutdown mode
VEN = 0 V
0.5
2
µA
Pulse-skipping
IOUT = 0 A, VMODE = 0
35
50
µA
PWM mode
IOUT = 0 A, VMODE = VIN
810
mA
Bypass mode
VBP = VIN; IOUT = 0 A;
VMODE = 0, VIN = 2.4 to 5.5 V
510
µA
VUVLO
Undervoltage lockout threshold
VIN rising; VMODE = VIN;
IOUT = 100 mA
2.1
2.35
V
VIN falling; VMODE = VIN;
IOUT = 100 mA
1.8
2.1
fSW
Switching frequency
2
2.5
3
MHz
IOUT
Continuous output current (1)
2.5 V
≤ VIN ≤ 5.5 V
800
mA
IPK
Switch current limitation
2.4
2.5
2.7
A
IPS-PWM
PS to PWM transition
300
mA
PWM to PS transition
280
h
Efficiency
(VIN = 3.6 V; VOUT = 3.4 V)
IOUT =1 0 mA (PS mode)
85
%
IOUT = 50 mA (PS mode)
90
IOUT = 150 mA (PWM)
90
IOUT = 250 mA (PWM)
91
IOUT = 500 mA (PWM)
92
IOUT = 800 mA (PWM)
92
TON
Turn-on time (2)
VEN from low to high;
IOUT = 10 mA
260
300
µs
TSHDN
Thermal shutdown
150
°C
Hysteresis
20
°C
Output voltage
VOUT
Output voltage range
1.2
4.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com