Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBB2J30-R Datasheet(PDF) 4 Page - STMicroelectronics

Part # STBB2J30-R
Description  800 mA 2.5 MHz, high efficiency dual mode buck-boost DC-DC converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBB2J30-R Datasheet(HTML) 4 Page - STMicroelectronics

  STBB2J30-R Datasheet HTML 1Page - STMicroelectronics STBB2J30-R Datasheet HTML 2Page - STMicroelectronics STBB2J30-R Datasheet HTML 3Page - STMicroelectronics STBB2J30-R Datasheet HTML 4Page - STMicroelectronics STBB2J30-R Datasheet HTML 5Page - STMicroelectronics STBB2J30-R Datasheet HTML 6Page - STMicroelectronics STBB2J30-R Datasheet HTML 7Page - STMicroelectronics STBB2J30-R Datasheet HTML 8Page - STMicroelectronics STBB2J30-R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Block diagram
STBB2
4/25
DocID022745 Rev 9
2
Block diagram
Figure 3. Block diagram adjustable
Figure 4. Block diagram fixed
SHUT
DOWN
EN
VREF and
Soft-start
-
+
DEVICE
CONTROL
OSC
Gate
driver
OTP
UVLO
FB
VSEL
MODE
Σ
VSEL
BP
GND
Burst
control 1
VINA1
VINA
EA
BP
SW1
SW2
DMD
DMD
LOGIC
CONTROL
VIN
VOUT
COMP 1
OSC
OSC
-
VSUM
Burst
control 2
Level shift
AM10455v1
AM10456v1
SHUT
DOWN
EN
VREF and
Soft-start
-
+
DEVICE
CONTROL
OSC
Gate
driver
OTP
UVLO
FB
VSEL
MODE
Σ
VSEL
BP
GND
Burst
Control 1
VINA1
VINA
EA
BP
SW1
SW2
DMD
DMD
LOGIC
CONTROL
VIN
VOUT
COMP 1
OSC
OSC
Burst
control 2
VSUM
VSEL
BP
Level shift



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com