Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBB2J30-R Datasheet(PDF) 19 Page - STMicroelectronics

Part # STBB2J30-R
Description  800 mA 2.5 MHz, high efficiency dual mode buck-boost DC-DC converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBB2J30-R Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STBB2J30-R Datasheet HTML 15Page - STMicroelectronics STBB2J30-R Datasheet HTML 16Page - STMicroelectronics STBB2J30-R Datasheet HTML 17Page - STMicroelectronics STBB2J30-R Datasheet HTML 18Page - STMicroelectronics STBB2J30-R Datasheet HTML 19Page - STMicroelectronics STBB2J30-R Datasheet HTML 20Page - STMicroelectronics STBB2J30-R Datasheet HTML 21Page - STMicroelectronics STBB2J30-R Datasheet HTML 22Page - STMicroelectronics STBB2J30-R Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
DocID022745 Rev 9
19/25
STBB2
Application information
Equation 2
Equation 3
where fs is the minimum value of the switching frequency and
ΔIL is the peak-to-peak
inductor ripple current. The peak-to-peak ripple can be set at 10% or 20% of the output
current.
The minimum inductor value for the application is the highest between Equation 2 and
Equation 3. In addition to the inductance value, the maximum current, which the inductor
can handle, must be calculated in order to avoid saturation.
Equation 4
Equation 5
where
η is the estimated efficiency. The maximum of the two above values must be
considered when the inductor is selected.
8.3
Input and output capacitor selection
It is recommended ceramic capacitors to be used with low ESR as input and output
capacitors in order to filter any disturbance present in the input line and to obtain stable
operation.
Minimum values of 10 µF for both capacitors are needed to achieve good behavior of the
device. The input capacitor must be placed as closer as possible to the device.
8.4
Layout guidelines
Due to the high switching frequency and peak current, the layout is an important design step
for all switching power supplies. If the layout is not fulfilled carefully, important parameters
such as efficiency and output voltage ripple may be compromised.
L
MAX
MAX
BUCK
MIN
I
fs
VIN
)
VOUT
VIN
(
VOUT
L
Δ
×
×
−
×
=
−
L
MIN
MIN
BOOST
MIN
I
fs
VOUT
)
VIN
VOUT
(
VIN
L
Δ
×
×
−
×
=
−
L
fs
VIN
2
)
VOUT
VIN
(
VOUT
)
/
I
(
I
MAX
MAX
OUT
BUCK
PEAK
×
×
×
−
×
+
η
=
−
L
fs
VOUT
2
)
VIN
VOUT
(
VIN
VIN
I
VOUT
I
MIN
MIN
MIN
OUT
BOOST
PEAK
×
×
×
−
×
+
×
η
×
=
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com