Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBB2J30-R Datasheet(PDF) 11 Page - STMicroelectronics

Part # STBB2J30-R
Description  800 mA 2.5 MHz, high efficiency dual mode buck-boost DC-DC converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBB2J30-R Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STBB2J30-R Datasheet HTML 7Page - STMicroelectronics STBB2J30-R Datasheet HTML 8Page - STMicroelectronics STBB2J30-R Datasheet HTML 9Page - STMicroelectronics STBB2J30-R Datasheet HTML 10Page - STMicroelectronics STBB2J30-R Datasheet HTML 11Page - STMicroelectronics STBB2J30-R Datasheet HTML 12Page - STMicroelectronics STBB2J30-R Datasheet HTML 13Page - STMicroelectronics STBB2J30-R Datasheet HTML 14Page - STMicroelectronics STBB2J30-R Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
DocID022745 Rev 9
11/25
STBB2
Typical performance characteristics
Figure 7. Efficiency vs. output current (power save mode enabled VOUT = 3.4 V)
Figure 8. Efficiency vs. output current (power save mode disabled VOUT = 3.4 V)
Figure 9. Efficiency vs. output current (power save mode enabled VOUT = 2.9 V)
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
IOUT [mA ]
=
Vin
V
2.5
=
Vin
V
3.6
=
Vin
V
4.5
enabled
Power save mode
VOUT = 3.4 V
AM01436v1
AM10437v1
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
IOUT [mA]
Vin = 2.5V
Vin = 3.6V
Vin = 4.5V
VOUT = 3.4 V
Power save mode disabled
AM10438v1
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
IOUT [mA]
Vin = 2.5V
Vin = 3.6V
Vin = 4.5V
VOUT = 2.9 V
Power save mode enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com