Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBB2J30-R Datasheet(PDF) 13 Page - STMicroelectronics

Part # STBB2J30-R
Description  800 mA 2.5 MHz, high efficiency dual mode buck-boost DC-DC converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBB2J30-R Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STBB2J30-R Datasheet HTML 9Page - STMicroelectronics STBB2J30-R Datasheet HTML 10Page - STMicroelectronics STBB2J30-R Datasheet HTML 11Page - STMicroelectronics STBB2J30-R Datasheet HTML 12Page - STMicroelectronics STBB2J30-R Datasheet HTML 13Page - STMicroelectronics STBB2J30-R Datasheet HTML 14Page - STMicroelectronics STBB2J30-R Datasheet HTML 15Page - STMicroelectronics STBB2J30-R Datasheet HTML 16Page - STMicroelectronics STBB2J30-R Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
DocID022745 Rev 9
13/25
STBB2
Typical performance characteristics
Figure 13. Efficiency vs. output current (PWM / auto mode)
Figure 14. VIN = 2.4 V, VOUT = 3.4 V, IOUT = from 80 mA to 630 mA
Figure 15. VIN = 4.2 V, VOUT = 3.4 V, IOUT = from 80 mA to 1100 mA
AM10442v1
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
IOUT [mA]
Vin=2.5V PWM mode
Vin=2.5V Auto mode
VOUT = 3.4 V
Time base 1 msec
Output Voltage
200 mV/div
, AC
Output Current
500 mA/div
V
OUT = 3.4 V
Input voltage 200 mV/div,
DC Offset 2.46
Output Current
500 mA/div
Output Voltage
200 mV/div, AC
V
OUT = 3.4 V
Time base 1 msec
Input voltage
200 mV/div, DC offset 4.2 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com