Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBB2J30-R Datasheet(PDF) 15 Page - STMicroelectronics

Part # STBB2J30-R
Description  800 mA 2.5 MHz, high efficiency dual mode buck-boost DC-DC converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBB2J30-R Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STBB2J30-R Datasheet HTML 11Page - STMicroelectronics STBB2J30-R Datasheet HTML 12Page - STMicroelectronics STBB2J30-R Datasheet HTML 13Page - STMicroelectronics STBB2J30-R Datasheet HTML 14Page - STMicroelectronics STBB2J30-R Datasheet HTML 15Page - STMicroelectronics STBB2J30-R Datasheet HTML 16Page - STMicroelectronics STBB2J30-R Datasheet HTML 17Page - STMicroelectronics STBB2J30-R Datasheet HTML 18Page - STMicroelectronics STBB2J30-R Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
DocID022745 Rev 9
15/25
STBB2
General description
7
General description
The STBB2 is a high efficiency dual mode buck-boost switch mode converter. Thanks to the
4 internal switches, 2 P-channels and 2 N-channels, it is able to deliver a well-regulated
output voltage using a variable input voltage which can be higher than, equal to, or lower
than the desired output voltage. This solves most of the power supply problems that circuit
designers face when dealing with battery powered equipment.
The controller uses an average current mode technique in order to obtain good stability in all
possible conditions of input voltage, output voltage and output current. In addition, the peak
inductor current is monitored to avoid saturation of the coil.
The STBB2 can work in two different modes: PWM mode or power save mode. In the first
case, the device operates with a fixed oscillator frequency in all line/load conditions. This is
the suitable condition to obtain the maximum dynamic performance. In the second case the
device operates in burst mode allowing a drastic reduction of the power consumption.
Top-class line and load transients are achieved thanks to a feed-forward technique and due
to the innovative control method specifically designed to optimize the performance in the
buck-boost region where input voltage is very close to the output voltage.
The STBB2 is self-protected from short-circuit and overtemperature. Undervoltage lockout
and soft-start guarantee proper operation during startup.
Input voltage and ground connections are split into power and signal pins. This allows
reduction of internal disturbances when the 4 internal switches are working. The switch
bridge is connected between the VIN and PGND pins while all logic blocks are connected
between VINA and GND.
7.1
Dual mode operation
The STBB2 works at fixed frequency pulse width modulation (PWM) or in power save mode
(PS) according to the different operating conditions. If the MODE pin is pulled high the
device works at fixed frequency pulse width modulation (PWM) even at light or no load. In
this condition, the STBB2 provides the best dynamic performance. If the MODE pin is logic
low, the STBB2 operation changes according to the average input current handled by the
device. At low average current the STBB2 is in PS mode allowing very low power
consumption and therefore obtaining very good efficiency event at light load. When the
average current increases, the device automatically switches to fixed switching frequency
mode in order to deliver the power needed by the load. In PS mode the STBB2 implements
a burst mode operation: if the output voltage increases above its nominal value the device
stops switching; as soon the VOUT falls below the nominal value the device restarts
switching.
7.2
Enable pin
The device turns on when the EN pin is pulled high. If the EN pin is low the device goes to
shutdown mode and all internal blocks are turned off. In shutdown mode the load is
electrically disconnected from the input to avoid unwanted current leakage from the input to
the load and the current drawn from the battery is lower than 1 µA in the whole temperature
range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com