Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBB2J30-R Datasheet(PDF) 18 Page - STMicroelectronics

Part # STBB2J30-R
Description  800 mA 2.5 MHz, high efficiency dual mode buck-boost DC-DC converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBB2J30-R Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STBB2J30-R Datasheet HTML 14Page - STMicroelectronics STBB2J30-R Datasheet HTML 15Page - STMicroelectronics STBB2J30-R Datasheet HTML 16Page - STMicroelectronics STBB2J30-R Datasheet HTML 17Page - STMicroelectronics STBB2J30-R Datasheet HTML 18Page - STMicroelectronics STBB2J30-R Datasheet HTML 19Page - STMicroelectronics STBB2J30-R Datasheet HTML 20Page - STMicroelectronics STBB2J30-R Datasheet HTML 21Page - STMicroelectronics STBB2J30-R Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Application information
STBB2
18/25
DocID022745 Rev 9
8
Application information
8.1
Programming the output voltage
The STBB2 is available in two versions: fixed output voltage and adjustable output voltage.
In the first case the device integrates the resistor divider needed to set the correct output
voltage and the FB pin must be connected directly to VOUT. For the fixed version, two
different output voltages, programmed internally by the VSEL pin, can be selected. For the
adjustable version, the VSEL pin must be connected to VIN. The resistor divider must be
connected between VOUT and GND and the middle point of the divider must be connected
to FB as shown in Figure 19.
Equation 1
Figure 19. Adjustable output voltage
A suggested value for R2 is 100 k
Ω. To reduce the power consumption a maximum value of
500 k
Ω can be used.
8.2
Inductor selection
The inductor is the key passive component for switching converters. With a buck-boost
device, the inductor selection must take into consideration the following two conditions in
which the converter works:
•
as buck at the maximum operative input voltage of the application
•
as a boost at the minimum operative input voltage of the application
Two critical inductance values are then obtained according to the following formulas:


−
×
=
1
V
V
2
R
1
R
FB
OUT
AM10443v1
L1
C4
R1
C1
R2
C2
C3
GND
GND
GND
GND
FB
E3
GND
C3
GND
D3
PGND
C2
MODE
C4
VSEL
D4
BP
B4
EN
A4
VINA
A3
VIN
A1
VOUT
E2
PGND
C1
VOUT
E1
GND
E4
SW2
D2
SW2
D1
SW1
B1
SW1
B2
VIN
A2
VINA1
B3
STBB2
GND GND
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com