Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1C Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # L1C
Description  In-Circuit Emulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

L1C Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button L1C Datasheet HTML 4Page - Renesas Technology Corp L1C Datasheet HTML 5Page - Renesas Technology Corp L1C Datasheet HTML 6Page - Renesas Technology Corp L1C Datasheet HTML 7Page - Renesas Technology Corp L1C Datasheet HTML 8Page - Renesas Technology Corp L1C Datasheet HTML 9Page - Renesas Technology Corp L1C Datasheet HTML 10Page - Renesas Technology Corp L1C Datasheet HTML 11Page - Renesas Technology Corp L1C Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
QB-RL78L1C In-Circuit Emulator
CHAPTER 1
GENERAL
R20UT2703EJ0200
Rev.2.00
Page 8 of 42
Jan 31, 2014
1.1
Hardware Specifications
Table 1-1. QB-RL78L1C Hardware Specifications
Parameter
Specification
Target device
RL78/L1C
RL78/L13
Operating voltage
1.6V to 3.6V
1.6V to 5.5V
Operating
frequency
Main
system
clock Note1
High-speed
system clock
oscillator
2.7V
≤ VDD ≤ 3.6 V:1~20 MHz
2.4V
≤ VDD < 2.7 V:1~16 MHz
1.8V
≤ VDD < 2.4 V:1~8 MHz
1.6V
≤ VDD < 1.8 V:1~4 MHz
2.7V
≤ VDD ≤ 5.5V:1~20 MHz
2.4V
≤ VDD < 2.7 V:1~16 MHz
1.8V
≤ VDD < 2.4 V:1~8 MHz
1.6V
≤ VDD < 1.8 V:1~4 MHz
High-speed
on-chip oscillator
2.7V
≤ VDD ≤ 3.6V:1~24MHz
2.4V
≤ VDD < 2.7 V:1~16 MHz
1.8V
≤ VDD < 2.4 V:1~8 MHz
1.6V
≤ VDD < 1.8 V:1~4 MHz
2.7V
≤ VDD ≤ 5.5V:1~24MHz
2.4V
≤ VDD < 2.7 V:1~16 MHz
1.8V
≤ VDD < 2.4 V:1~8 MHz
1.6V
≤ VDD < 1.8 V:1~4 MHz
Low-speed on-chip oscillator
1.6 V
≤ VDD ≤ 3.6V: 15 KHz
1.6 V
≤ VDD ≤ 5.5V: 15 KHz
Subsystem clock oscillator Note2 1.6 V
≤ VDD ≤ 3.6V: 32.768 KHz
1.6 V
≤ VDD ≤ 5.5V: 32.768 KHz
PLL Note3
1.6 V
≤ VDD ≤ 3.6V: 48MHz
-
Operating temperature range
0 to 40°C (No condensation)
Storage temperature range
−15 to 60°C (No condensation)
External dimensions
See figure below
Power
consumption
Target system power supply
Current: approx. 180 mA MAX
Weight
Approx. 400 g
Host interface
USB interface (1.1, 2.0)
Note1 Errors are within ±0.05%. However, this does not apply to errors of the oscillator or clock system
on the target board.
Note2 Errors are within ±0.004%. However, this does not apply to errors of the oscillator or clock
system on the target board.
Note3 When using PLL clock of 48 MHz, the clock divided by 2/4/8 of PLL clock is supplied as system clock.
Note4 Does not include projection of power switch
Note5 Includes projection of screw that fixes rear space adapter
Note6 Rear space adapter can adjust the height from 30 mm (longest) to 0 mm (shortest)
Note7 Front space adapter can adjust the height from 20 mm (longest) to 5 mm (shortest)
112mm
Note4
108mm
Note5
76mm
Rear space adapter
Note6
Front space adapter
Note7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com