Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1C Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # L1C
Description  In-Circuit Emulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

L1C Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button L1C Datasheet HTML 20Page - Renesas Technology Corp L1C Datasheet HTML 21Page - Renesas Technology Corp L1C Datasheet HTML 22Page - Renesas Technology Corp L1C Datasheet HTML 23Page - Renesas Technology Corp L1C Datasheet HTML 24Page - Renesas Technology Corp L1C Datasheet HTML 25Page - Renesas Technology Corp L1C Datasheet HTML 26Page - Renesas Technology Corp L1C Datasheet HTML 27Page - Renesas Technology Corp L1C Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
QB-RL78L1C In-Circuit Emulator
CHAPTER 2
SETUP PROCEDURE
R20UT2703EJ0200
Rev.2.00
Page 24 of 42
Jan 31, 2014
2.3.2
Mounting YQ to NQ
(1) After confirming that there are no broken or bent YQ contact pins, fit the YQ in the NQ and fasten it using the
supplied YQGUIDE (for the fastening method, see the next step, (2)).
If repeatedly inserting and removing,
be sure to inspect the YQ pins before fitting.
If pins are bent, correct them using something thin and flat
such as the edge of a knife.
(2) Fasten YQ to the NQ on the target system using the supplied YQGUIDE.
Fasten the screws equally in the
four corners using the supplied flat-blade screwdriver or a torque driver.
The tightening torque of the
YQGUIDE is 0.054 Nm (MAX.).
Too great tightening causes bad connections.
Four screws for fitting to the MA (M2 x 10 mm / 4 units) are also included with the YQ.
Figure 2-4.
Mounting of EA, YQ and NQ
EA
YQGUIDE supplied with YQ
YQ
TC
Target system
2.3.3
Plugging EA into YQ
Match the pin 1 position of the YQ or SA (corner cuts match in both) to the pin 1 position of the EA and plug in.
- When plugging or unplugging, press on the NQ, YQ, and SA with a finger so that there is no force on the NQ.
- When plugging or unplugging, be careful of the direction of wiggling.
As a tool when unplugging, insert some kind of thin non-conductive material such as a wooden stick between the YQ
(SA) and EA and wiggle while slowly unplugging.
Be careful since the connector will be damaged if this is done in
the wrong direction.
NQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com