Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1C Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # L1C
Description  In-Circuit Emulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

L1C Datasheet(HTML) 3 Page - Renesas Technology Corp

  L1C Datasheet HTML 1Page - Renesas Technology Corp L1C Datasheet HTML 2Page - Renesas Technology Corp L1C Datasheet HTML 3Page - Renesas Technology Corp L1C Datasheet HTML 4Page - Renesas Technology Corp L1C Datasheet HTML 5Page - Renesas Technology Corp L1C Datasheet HTML 6Page - Renesas Technology Corp L1C Datasheet HTML 7Page - Renesas Technology Corp L1C Datasheet HTML 8Page - Renesas Technology Corp L1C Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
General Precautions for Handling This Product
1. Circumstances not covered by product guarantee
• If the product was disassembled, altered, or repaired by the customer
• If it was dropped, broken, or given another strong shock
• Use at overvoltage, use outside guaranteed temperature range, storing outside guaranteed temperature range
• If power was turned on while connection to the AC adapter, USB interface cable, or target system was in an
unsatisfactory state
• If the cable of the AC adapter, the USB interface cable, the emulation probe, or the like was bent or pulled excessively
• If an AC adapter other than the supplied product was used
• If the product got wet
• If this product is connected to the target system when there is a potential difference between the GND of this product
and GND of the target system.
• If the connectors or cables are plugged/unplugged while this product is in the power-on state.
• If excessive load is applied to the connectors or sockets (As for handling, please see 2.3 Mounting and Connecting
Connectors.
• If a metal part of the power switch, cooling fan, or another such part comes in contact with an electrostatic charge.
• If the product is used or stored in an environment where an electrostatic or electrical noise is likely to occur.
2. Safety precautions
• If used for a long time, the product may become hot (50°C to 60°C). Be careful of low temperature burns and other
dangers due to the product becoming hot.
• Be careful of electrical shock. There is a danger of electrical shock if the product is used as described above in 1.
Circumstances not covered by product guarantee.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com