Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1C Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # L1C
Description  In-Circuit Emulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

L1C Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button L1C Datasheet HTML 21Page - Renesas Technology Corp L1C Datasheet HTML 22Page - Renesas Technology Corp L1C Datasheet HTML 23Page - Renesas Technology Corp L1C Datasheet HTML 24Page - Renesas Technology Corp L1C Datasheet HTML 25Page - Renesas Technology Corp L1C Datasheet HTML 26Page - Renesas Technology Corp L1C Datasheet HTML 27Page - Renesas Technology Corp L1C Datasheet HTML 28Page - Renesas Technology Corp L1C Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
QB-RL78L1C In-Circuit Emulator
CHAPTER 2
SETUP PROCEDURE
R20UT2703EJ0200
Rev.2.00
Page 25 of 42
Jan 31, 2014
2.3.4
Precautions for handling NQ, YQ, SA, and CA
(1) When taking the NQ from the box, press down on the body and take out the sponge first.
(2) Since the pins of the YQ are thin and easily bent, be careful. When inserting it in the NQ, confirm that there are
no bent pins.
(3) When screwing a YQ soldered to a board to the NQ, fasten the screws in four places in turn using a #0 or #1
Phillips precision screwdriver or torque driver after tentatively tightening them.
Fix the torque at 0.054 Nm
(MAX.).
If just one place is overtightened, it may cause poor contact.
Moreover, a board being connected to the YQ
must have accessory holes in prescribed positions (four places:
φ2.3 mm or φ3.3 mm). The φ3.8 mm or φ4.3
mm that is the screw head size is an area where wiring is prohibited.
(4) In YQ and SA removal, since there is a possibility of YQ pins being bent or broken when prying and wiggling,
remove them gradually using a flatbladed screwdriver from four directions.
Moreover, to connect and use the
YQ and SA, screw the YQ to the NQ according to the YQGUIDE (included with the YQ) using a 2.3 mm
flatbladed screwdriver and then connect it to the SA.
Fix the torque at 0.054 Nm (MAX.).
If even one place
is overtightened, it may cause poor contact.
(5) For the NQ, YQ, and SA, since there is a possibility that washing fluid on the structure will remain in the
connector, do not perform washing.
(6) NQ, IC, and YQ cannot be used in combination.
(7) A NQ/YQ system cannot be used in an environment of vibrations or shocks.
(8) It is assumed that this product will be used in system development and evaluation.
Moreover, when used in
Japan, Electrical Appliance and Material Control Law and electromagnetic disturbance countermeasures have
not been applied.
(9) Since there are rare cases of shape change if the box is left for a long time in a place where it is 50°C or
higher, for safekeeping, store it in a place where it is no higher than 40°C and direct sunlight does not hit it.
(10) For details about handling the NQ, YQ, and SA, see the NQPACK series technical materials at the website of
Tokyo Eletech Corporation.
http://www.tetc.co.jp
(11) CA
The CA is an optional product for IECUBE, and can be used to measure the waveform between IECUBE and
the target system.
Since the pins on the CA do not correspond to the pin layout in each device, the pin header cover must be
mounted according to the device to be used.
For mounting methods of the pin header cover, refer to URL.
http://www.renesas.com/qb_144_ca_01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com