Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1C Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # L1C
Description  In-Circuit Emulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

L1C Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button L1C Datasheet HTML 7Page - Renesas Technology Corp L1C Datasheet HTML 8Page - Renesas Technology Corp L1C Datasheet HTML 9Page - Renesas Technology Corp L1C Datasheet HTML 10Page - Renesas Technology Corp L1C Datasheet HTML 11Page - Renesas Technology Corp L1C Datasheet HTML 12Page - Renesas Technology Corp L1C Datasheet HTML 13Page - Renesas Technology Corp L1C Datasheet HTML 14Page - Renesas Technology Corp L1C Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
QB-RL78L1C In-Circuit Emulator
CHAPTER 1
GENERAL
R20UT2703EJ0200
Rev.2.00
Page 11 of 42
Jan 31, 2014
1.3
System Specifications
This section shows the QB-RL78L1C system specifications.
Table 1-2.
QB-RL78L1C System Specifications
Parameter
Specification
Emulation memory capacity
Internal ROM
512 KB (MAX.)
Internal RAM
61.75 KB (MAX.)
Program execution
functions
Real-time execution function
Go, Start from Here, Come Here, Restart, Return Out,
Ignore break points and Go
Non-real-time execution function
Step In, Next Over, Slow motion, Go & Go
Memory manipulation
Available (initialize, copy, compare)
Register manipulation
Available (general-purpose registers, control registers, SFRs)
Disassemble function
Available
Local variable view
Local variables
Watch data view
Local variables, global variables, or else
Stack trace view
Available
Break functions
Event break
Execution: 8 points
Access: 8 points
Software break
2000 points
Pre-execution break
4 points
Fail-safe break
Non-map, write protect, SFR illegal access, stack overflow, or else
Other
Forcible break, trace full break, trace delay break, timeout break,
timer overflow break
Trace functions
Trace data types
Program address, program data, access address, access data,
status, time tag
Trace modes
Unconditional trace, section trace, qualify trace, delay trigger trace
Trace functions
Non-stop, full stop, full break, delay trigger stop, delay trigger
break
Memory capacity
128K frames
Real-time RAM monitoring function
All internal RAM spaces
Time measurement
functions
Measurement clock
120 MHz
Measurement objects
Start through end of program execution
Start event through end event
Maximum measurement time
Approx. 40 hours and 43 minutes
Minimum resolution
8ns
Number of timers for
measurement
Start through end of program execution: 1
Start event through end event: 2
Measurement results
Execution time (start through end of execution)
Maximum, minimum, average, total, pass count (between events)
Other
Timer overflow break function, timeout break function
Other functions
Command functions set in the console, mapping function, event
function, coverage function, snapshot function, DMM function,
power-off emulation function, pin mask function, flash self
programming emulation function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com