Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1C Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # L1C
Description  In-Circuit Emulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

L1C Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button L1C Datasheet HTML 22Page - Renesas Technology Corp L1C Datasheet HTML 23Page - Renesas Technology Corp L1C Datasheet HTML 24Page - Renesas Technology Corp L1C Datasheet HTML 25Page - Renesas Technology Corp L1C Datasheet HTML 26Page - Renesas Technology Corp L1C Datasheet HTML 27Page - Renesas Technology Corp L1C Datasheet HTML 28Page - Renesas Technology Corp L1C Datasheet HTML 29Page - Renesas Technology Corp L1C Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
QB-RL78L1C In-Circuit Emulator
CHAPTER 2
SETUP PROCEDURE
R20UT2703EJ0200
Rev.2.00
Page 26 of 42
Jan 31, 2014
2.3.5
Precautions for mounting IC using NQ and MA
(1) Confirm that there is no weld flash in the resin (sealant part) of the IC.
If there is weld flash, remove it using a
knife or the like.
(2) Confirm that there is no weld flash breaking or bending of IC leads.
In particular, confirm the planarity of IC
leads.
If there is abnormality in the planarity, correct that portion.
(3) Viewing the NQ contact pins from the top, if there are foreign bodies on them, remove them using a brush or
the like.
After confirming (1) to (3), fit the IC to the NQ.
Also fit the MA.
(4) Put the supplied M2 x 6 mm screws in the four accessory holes of the MA and fasten the screws in opposite
corners.
At that time, use either the dedicated screwdriver that is supplied or a torque driver to fasten them
equally in turn with a tightening torque of 0.054 Nm (MAX.).
Since the contact is poor if tightening is too great,
once you have lightly fastened the MA screws, tighten them again.
(5) Depending on the use environment, when a device has been left for a long time, starting up may be late or not
do.
In this case, loosen the screws slightly and then retighten them.
(6) If starting up may be late or not do after (5) above, check (1) to (3) again.
(7) Tightening the screws of the MA too much may give rise to cracks in the molded part of the MA (plastic part)
and bend the mold into a bowed shape, making contact poor.
(8) After soldering the NQ, do not perform cleaning by flux immersion or vapor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com