Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1C Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # L1C
Description  In-Circuit Emulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

L1C Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button L1C Datasheet HTML 18Page - Renesas Technology Corp L1C Datasheet HTML 19Page - Renesas Technology Corp L1C Datasheet HTML 20Page - Renesas Technology Corp L1C Datasheet HTML 21Page - Renesas Technology Corp L1C Datasheet HTML 22Page - Renesas Technology Corp L1C Datasheet HTML 23Page - Renesas Technology Corp L1C Datasheet HTML 24Page - Renesas Technology Corp L1C Datasheet HTML 25Page - Renesas Technology Corp L1C Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
QB-RL78L1C In-Circuit Emulator
CHAPTER 2
SETUP PROCEDURE
R20UT2703EJ0200
Rev.2.00
Page 22 of 42
Jan 31, 2014
(2) Internal high-speed oscillation clock
This method uses the clock inside the emulator by configuring the use of the high-speed oscillation clock in the
user program.
(3) Internal low-speed oscillation clock
This method uses the clock inside the emulator by configuring the use of the low-speed oscillation clock in the
user program.
(4) Subsystem clock
The clock settings are listed below.
Table 2-3.
Settings for Subsystem Clock
Type of Clock to Be Used
(a) When the clock generated within the emulator is used
(b) When the clock (a square wave) is supplied from the target system
(a) When the clock generated within the emulator is used
This method uses the clock inside the emulator by configuring the use of the subsystem clock in the user
program. For debugger settings, check the user's manual for the debugger that will be used.
(b) When the clock (a square wave) is supplied from the target system
The clock input from the target system is then used.
To input a clock from the target system, input to the clock pin (XT2) the square-wave signal with the same
voltage potential as that of the target device supply voltage (VDD).
Inputting the inverted signal to XT1 is
not necessary.
The selectable frequencies are same as those of the target device.
For debugger settings, check the user's manual for the debugger that will be used. Oscillation by a
resonator in the target system is not supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com