Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L13 Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # L13
Description  In-Circuit Emulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

L13 Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button L13 Datasheet HTML 31Page - Renesas Technology Corp L13 Datasheet HTML 32Page - Renesas Technology Corp L13 Datasheet HTML 33Page - Renesas Technology Corp L13 Datasheet HTML 34Page - Renesas Technology Corp L13 Datasheet HTML 35Page - Renesas Technology Corp L13 Datasheet HTML 36Page - Renesas Technology Corp L13 Datasheet HTML 37Page - Renesas Technology Corp L13 Datasheet HTML 38Page - Renesas Technology Corp L13 Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
QB-RL78L1C In-Circuit Emulator
CHAPTER 4
CAUTIONS
R20UT2703EJ0200
Rev.2.00
Page 35 of 42
Jan 31, 2014
- The detection voltage value of the voltage detector (LVD)
LVD detection voltage differs from that of the target device.
.
Table 4-5.
The detection voltage
Target device RL78/L1C
Target device RL78/L13
QB-RL78L1C
Rising edge
Failing edge
Rising edge
Failing edge
Rising edge
Failing edge
1.67V
1.63V
1.67V
1.63V
1.64V
1.77V
1.73V
1.77V
1.73V
1.74V
1.88V
1.84V
1.88V
1.84V
1.85V
1.98V
1.94V
1.98V
1.94V
1.95V
2.09V
2.04V
2.09V
2.04V
2.05V
2.50V
2.45V
2.50V
2.45V
2.46V
2.61V
2.55V
2.61V
2.55V
2.56V
2.71V
2.65V
2.71V
2.65V
2.66V
2.81V
2.75V
2.81V
2.75V
2.76V
2.92V
2.86V
2.92V
2.86V
2.87V
3.02V
2.96V
3.02V
2.96V
2.97V
3.13V
3.06V
3.13V
3.06V
3.07V
-
-
3.75V
3.67V
3.68V
-
-
4.06V
3.98V
3.99V
- I/O port output signal level detection function
I/O port output signal level detection function emulation is not supported.
Even if you set as “Output data is read (PMS0=1)” at port mode select register (PMS), the value of the port
register (Pmn) is read.
Remark m = 0 to 8, 12, 14, 15,
n = 0 to 7
- PLL clock (RL78/L1C only)
If there is mismatch on the High-speed system clock frequency (fMX) setting and the PLL operation register
(DSCCTL) setting, QB-RL78L1C generates 1MHz as PLL oscillation frequency (fPLL).
Refer to the device user’s manual regarding a High-speed system clock frequency for USB clock and register
setting of PLL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com